Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7660 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7660
Description  CMOS Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7660 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

  HT7660 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Combined negative voltage converter and positive voltage doubler
HT7660
8
November 30, 1999
CA P +
2
3
H T 7660
VD D
V DD
8
5
V OU T = - V DD
VO U T
Not e: V D i s f o r w ar d v o l t age dr op o f di ode D 1 and D 2
D1
D2
4
10 m F
V OU T = 2 V DD - 2V D
CA P -
VS S
10 m F
10 m F
10 m F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com