Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N301105 Datasheet(PDF) 1 Page - E-SWITCH

Part # N301105
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

N301105 Datasheet(HTML) 1 Page - E-SWITCH

  N301105 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3300CF260Q
2:1
7/9/2010
N301105
A
BLR
1
1
.50
[.020 in] MAX.
CIRCUIT DIAGRAM
P.C.B. LAYOUT
12.00
[.472 in]
1
2
4
3
1
2
4
3
1
2
4
3
8.50
[.335 in]
1.00
[.039 in]
15.0
[.591 in]
A
19149
Released For Production
7/9/10
BLR
12.00
[.472 in]
5.00
[.197 in]
.30
[.012 in]
5.00
[.197 in]
15.50
[.610 in]
12.40
[.488 in]
1.60
[.063 in]
7.10
[.280 in]
n
ACTUATOR COLOR
RED
3.50
[.138 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 50mA @ 12VDC
5. OPERATING FORCE: 260 `50 gms
6. TRAVEL: 0.35mm ±0.1
7. CONTACT RESISTANCE: 100 MILLI OHMS MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE 100,000 CYCLES MIN.
9. INSULATION RESISTANCE: 100M OHMS MIN. AT 500VAC
11. DIELECTRIC STRENGTH: 250VAC FOR 1 MINUTE
10. PACKAGING: 400 PCS. PER TAPE & REEL
11. 2002/95/EC (ROHS) COMPLIANT
12.
DENOTES CRITICAL PARAMETER


Similar Part No. - N301105

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N301100 E-SWITCH-N301100 Datasheet
62Kb / 1P
ALL DIMENSIONS IN MM [INCH]
N301101 E-SWITCH-N301101 Datasheet
62Kb / 1P
ALL DIMENSIONS IN MM [INCH]
N301102 E-SWITCH-N301102 Datasheet
63Kb / 1P
ALL DIMENSIONS IN MM [INCH]
N301103 E-SWITCH-N301103 Datasheet
103Kb / 1P
ALL DIMENSIONS IN MM [INCH]
N301104 E-SWITCH-N301104 Datasheet
62Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - N301105

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com