Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT818D0 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT818D0
Description  22.4-Second LOG-PCM Speech
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT818D0 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT818D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HT818D0
6
March 15, 2000
In addition, a section can be set as retriggerable
or non-retriggerable depending on the code op-
tion.
· Retriggerable
When the currently playing section is set as
retriggerable, it will be stopped immediately
upon receipt of other key inputs.
· Non-retriggerable
When the currently playing section is selected
as non-retriggerable, it will go on playing till
the whole section is completed, whether or not
there is a key input in the process of playing.
For a key group, some sections can be set as
retriggerable and some as non-retriggerable.
When a retriggerable section of a key group is
playing, any key can be input to interrupt its
playing. On the other hand, if a
non-retriggerable section is playing, any key
interrupt is ignored.
Group
The HT818D0 plays according to the basis of
the key input. A group can be made up of one or
more sections. When a key is triggered, the cor-
responding group is played immediately. For
example, triggering KEY2 plays group 2, and so
on. The same section is allowed to appear in dif-
ferent groups. However, KEY1 can be made up
of multiple groups when it is optioned as a se-
quential or random key. Otherwise, each key is
composed of one group only.
Key function table
The sections included in the voice ROM are
played according to the instructions of the key
function table. The function table contains
group information and the playing order of sec-
tions in the groups. Notice that the total num-
ber of sections included in the groups should be
less than 508 the space limitation of the func-
tion table ROM.
· KEY1 as a direct key
Each key is mapped to a group in the
function table. If a key is not used, the group
mapped to that key is a piece of silence.
The following is an example of the function ta-
ble:
Group 1
sec.1 + sec.2 + sec.3 + sec.5
Group 2
sec.3
Group 3
sec.2 + sec.2 + sec.3 + sec.4
Group 4
sec.5 + sec.3
As illustrated in the above table, the voice
ROM is composed of 5 sections and the func-
tion table of 11 sections. If KEY1 is momen-
tarily triggered, section 1, section 2, section 3
and section 5 are played in sequence and then
stops. Triggering KEY2 plays section 3, and
so on.
· KEY1 as a sequential or random key
When KEY1 is optioned as a sequential or ran-
dom key, it can include multiple groups
(sub-groups) in the function table. However,
the remaining 11 keys (KEY2~KEY12) are used
as direct keys exclusively and comprise only
one group in the function table.
An example is shown below:
Group 1-1 sec.4 + sec.2
Group 1-2 sec.1 + sec.3
:
:
:
:
Group 1-N sec.2 + sec.3
Group 2
sec.2 + sec.3
Group 3
sec.3 + sec.5
Group 4
sec.1 + sec.5 + sec.2
As indicated in the above table, KEY1 can be
made up of sub-groups. Each time KEY1 is
triggered, the corresponding sub-groups are
played in sequence.
¨
The playing sequence of sequential KEY1 is:
Group 1-1 ® Group 1-2 ® Group 1-3 ..... ®
Group 1-N (the last group) ®Group 1-1 .....
¨
The playing sequence of random KEY1 is:
Group 1-3 ® Group 1-5 ..... ® Group 1-N ®
Group 1-3 ® Group 1-5 .....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com