Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K68E Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82K68E
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68E Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82K68E Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
HT82K68E
13
August 8, 2000
Preliminary
If an RC oscillator is used, an external resistor
between OSC1 and VDD is needed and the re-
sistance must range from 51kW to 1MW. The
system clock, divided by 4, is available on
OSC2, which can be used to synchronize exter-
nal logic. The RC oscillator provides the most
cost effective solution. However, the frequency
of the oscillation may vary with VDD, tempera-
ture and the chip itself due to process varia-
tions. It is, therefore, not suitable for timing
sensitive operations where accurate oscillator
frequency is desired.
If the Crystal oscillator is used, a crystal across
OSC1 and OSC2 is needed to provide the feed-
back and phase shift needed for oscillator, no
other external components are needed. Instead
of a crystal, the resonator can also be connected
between OSC1 and OSC2 to get a frequency ref-
erence, but two external capacitors in OSC1
and OSC2 are required.
The WDT oscillator is a free running on-chip
RC oscillator, and no external components are
required. Even if the system enters the power
down mode, the system clock is stopped, but the
WDT oscillator still works for a period of ap-
proximately 78 ms. The WDT oscillator can be
disabled by mask option to conserve power.
Watchdog Timer - WDT
The WDT clock source is implemented by a ded-
icated RC oscillator (WDT oscillator) or instruc-
tion clock (system clock divided by 4), decided
by mask options. This timer is designed to pre-
vent a software malfunction or sequence jump-
ing to an unknown location with unpredictable
results. The Watchdog Timer can be disabled by
mask option. If the Watchdog Timer is disabled,
all the executions related to the WDT results in
no operation.
Once the internal WDT oscillator (RC oscillator
normally with a period of 78ms) is selected, it is
first divided by 256 (8-stages) to get the nomi-
nal time-out period of approximately 20 ms.
This time-out period may vary with tempera-
ture, VDD and process variations. By invoking
the WDT prescaler, longer time-out periods can
be realized. Writing data to WS2, WS1, WS0
(bit 2,1,0 of the WDTS) can give different
time-out periods. If WS2, WS1, WS0 are all
equal to 1, the division ratio is up to 1:128, and
the maximum time-out period is 2.6 seconds.
If the WDT oscillator is disabled, the WDT clock
may still come from the instruction clock and
operate in the same manner except that in the
HALT state the WDT may stop counting and
lose its protecting purpose. In this situation the
WDT logic can be restarted by external logic.
The high nibble and bit 3 of the WDTS are re-
served for user defined flags, which can be used
to indicate some specified status.
If the device operates in a noisy environment,
using the on-chip RC oscillator (WDT OSC) is
strongly recommended, since the HALT will
stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
The WDT overflow under normal operation will
initialize ²chip reset² and set the status bit TO. An
overflow in the HALT mode, initializes a ²warm
reset² only when the PC and SP are reset to zero.
To clear the contents of the WDT (including the
WDT prescaler ), three methods are adopted; ex-
ternal reset (a low level to RESET), software in-
struction(s), or a HALT instruction. There are two
types of software instructions; CLR WDT and
CLR WDT1/CLR WDT2. Of these two types of in-
struction, only one can be active depending on the
mask option -²CLR WDT times selection option².
If the ²CLR WDT² is selected (ie. CLR WDT times
equal one), any execution of the CLR WDT in-
struction will clear the WDT. In case ²CLR WDT1²
and ²CLR WDT2² are chosen (ie. CLRWDT times
equal two), these two instructions must be exe-
WDTS register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com