Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1012 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SA1012
Description  Silicon PNP Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1012 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1012 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
www.jmnic.com
2SA1012
Silicon PNP Transistors
Features
B C E
﹒With TO-220 package
﹒Complementary to 2SC2562
Absolute Maximum Ratings Tc=25
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to base voltage
-60
V
VCEO
Collector to emitter voltage
-50
V
VEBO
Emitter to base voltage
-5
V
IB
Base current
A
IC
Collector current
-5
A
PC
Collector power dissipation
25
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
TO-220
Electrical Characteristics Tc=25
SYMBOL
PARAMETER
CONDITIONS
MIN
Typ
MAX
UNIT
ICBO
Collector-base cut-off current
VCB=-50V; IE=0
-1
uA
IEBO
Emitter-base cut-off current
VEB=-5V; IC=0
-1
uA
ICEO
Collector-emitter cut-off current
VCBO
Collector-base breakdown voltage
V(BR)ceo
Collector-emitter breakdown voltage
IC=-10mA;IB=0
-50
V
VEBO
Emitter-base breakdown voltage
VCE(sat-1)
Collector-emitter saturation voltages
IC=-8A; IB=-0.15A
-0.2
-0.4
V
VCE(sat-2)
Collector-emitter saturation voltages
hFE-1
Forward current transfer ratio
IC=-1A; VCE=-1V
70
240
hFE-2
Forward current transfer ratio
IC=-3A; VCE=-1V
30
VBE(sat)1
Base-emitter saturation voltages
IC=-8A; IB=-0.15A
-0.9
-1.2
V
VBE(sat)2
Base-emitter saturation voltages
COB
Collector Output Capacitance
VCB=-10V; IE=0;f=1MHz
70
pF
fT
Transition frepuency
IC=-1A; VCE=-4V
60
MHz


Similar Part No. - 2SA1012

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1012 MOSPEC-2SA1012 Datasheet
116Kb / 3P
POWER TRANSISTORS(5A,50V,25W)
logo
Toshiba Semiconductor
2SA1012 TOSHIBA-2SA1012 Datasheet
199Kb / 3P
TRANSISITOR (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Unisonic Technologies
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
logo
Inchange Semiconductor ...
2SA1012 ISC-2SA1012 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1012 SAVANTIC-2SA1012 Datasheet
135Kb / 5P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1012

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
PNP SILICON TRANSISTORS
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
PNP SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
Silicon PNP Transistors
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
PNP Silicon Transistors
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
PNP Silicon Transistors
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
Silicon PNP Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com