Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT84192 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT84192
Description  Magic VoiceTM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT84192 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT84192 Datasheet HTML 6Page - Holtek Semiconductor Inc HT84192 Datasheet HTML 7Page - Holtek Semiconductor Inc HT84192 Datasheet HTML 8Page - Holtek Semiconductor Inc HT84192 Datasheet HTML 9Page - Holtek Semiconductor Inc HT84192 Datasheet HTML 10Page - Holtek Semiconductor Inc HT84192 Datasheet HTML 11Page - Holtek Semiconductor Inc HT84192 Datasheet HTML 12Page - Holtek Semiconductor Inc HT84192 Datasheet HTML 13Page - Holtek Semiconductor Inc HT84192 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Pin No. Pin Name I/O
Internal
Connection
Description
20~17
PA0~PA3
I
Wake-up
Pull-high
Trigger inputs
Can also be configured as wake-up inputs
21, 22
VSS
¾¾
Negative power supply, ground
23
OSC
I
¾
Built-in RC oscillator
An oscillator resistor is connected between OSC and
VSS
Absolute Maximum Ratings
Supply Voltage.................................-0.3V to 6V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
5.2
V
ISTB
Standby Current
3V
No load, system HALT
¾
13
mA
IDD
Operating Current
3V
No load, fSYS=4MHz
¾
58
mA
IOL
PB0~PB7 Sink Current
3V
VOL=0.3V
46
¾
mA
IO
Max. AUD1 and AUD2
Output Current
3V
VOH=0.6V
-1.5
-2
¾
mA
fSYS
System Frequency
3V
ROSC=240kW
3.6
4.0
4.4
MHz
HT84XXX
10
April 26, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com