Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT84384 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT84384
Description  Magic VoiceTM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT84384 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT84384 Datasheet HTML 18Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 19Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 20Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 21Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 22Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 23Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 24Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 25Page - Holtek Semiconductor Inc HT84384 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Path_Command
Description
Mi:[Path1, Path2,
Path3, .... Pathn]
Path1 is executed when Mi=1;
Path2 is executed when Mi=2;
....
Pathn is executed when Mi=n
Random(Mi)
Get a random code and put it to Mi
Timert: timer_path
Initial the timer. If time out then timer_path is executed, t=0.1~65 sec.
TimerON
Start the timer counter
TimerOFF
Stop timer counter
n*soundfile, n*#N or
#N
Play the soundfile n times
#N is the N¢th soundfile which is defined in the audio file declaration part.
The starting number is 0
[n*soundfile] or
[repeat *soundfile]
Play the soundfile n times or repeatedly via channel 2 and simultaneously
execute the next path command.
Wait
Stop executing the next path command until the channel 2 soundfile is
terminated.
Note: The n of TRn ranges from 1 to 32
²Volume_1=15² is equal to ²Volume=15²
²Samplerate_1=4000² is equal to ²Samplerate=4000², ²4000² means that the sampling rate is
4kHz.
The Mi, Mj are working registers (i, j=0, 1, 2, ..., 10), the M0~M4 are dedicated for users, the
others are shared with VAR and Timer command.
Register
Command
Comment
M0~M4
¾
Normal register
M5, M6
VAR
If the VAR instruction is used, the M5, M6 will be invalid.
M7~M10
Timer
If the Timer instruction are used, the M7~M10 will be in-
valid.
Example:
EASY 4
INPUT STATES
;
TR1
TR2
TR3
TR4
start:
/P1
X
X
X
PATHS
POWERON:
start
END
where ²POWERON² is a reserved pathname and provides the initial setting. When the power is
turned on, a falling edge trigger in TR1 is accepted and others are all ignored.
HT84XXX
22
April 26, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com