Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9170 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9170
Description  DTMF Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9170 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9170 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HT9170
7
December 20, 1999
Functional Description
Overview
The HT9170 series tone decoders consist of
three band pass filters and two digital decode
circuits to convert a tone (DTMF) signal into
digital code output.
An operational amplifier is built-in to adjust
the input signal (refer to Figure 2).
The pre-filter is a band rejection filter which re-
duces the dialing tone from 350Hz to 400Hz.
The low group filter filters low group frequency
signal output whereas the high group filter fil-
ters high group frequency signal output.
Each filter output is followed by a zero-crossing
detector with hysteresis. When each signal am-
plitude at the output exceeds the specified
level, it is transferred to full swing logic signal.
When input signals are recognized to be effec-
tive, DV becomes high, and the correct tone
code (DTMF) digit is transferred.
Steering control circuit
The steering control circuit is used for measur-
ing the effective signal duration and for protect-
ing against drop out of valid signals. It employs
the analog delay by external RC time-constant
controlled by EST.
The timing is shown in Figure 3. The EST pin is
normally low and draws the RT/GT pin to keep
low through discharge of external RC. When a
valid tone input is detected, EST goes high to
charge RT/GT through RC.
When the voltage of RT/GT changes from 0 to
VTRT (2.35V for 5V supply), the input signal is
effective, and the correct code will be created by
the code detector. After D0~D3 are completely
latched, DV output becomes high. When the
voltage of RT/GT falls down from VDD to VTRT
(i.e.., when there is no input tone), DV output
becomes low, and D0~D3 keeps data until a
next valid tone input is produced.
By selecting adequate external RC value, the min-
imum acceptable input tone duration (tACC) and
the minimum acceptable inter-tone rejection (tIR)
can be set. External components (R, C) are chosen
by the formula (refer to Figure 5.):
tACC=tDP+tGTP;
tIR=tDA+tGTA;
where tACC: Tone duration acceptable time
tDP: EST output delay time (²L²®²H²)
tGTP: Tone present time
tIR: Inter-digit pause rejection time
tDA: EST output delay time (²H²®²L²)
tGTA: Tone absent time
VN
GS
VR EF
H T 9170
Se r i e s
C
R1
RF
( a ) S t andar d i n put c i r c ui t
VP
VN
GS
VR EF
H T 9170
Se r i e s
C
R2
R5
(b ) D i f f e re n t i a l i n p ut c i r c ui t
VP
R4
R3
C
R1
V i1
V i2
V i
Figure 2. Input operation for amplifier applica-
tion circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com