Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P010613 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010613
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010613 Datasheet(HTML) 1 Page - E-SWITCH

  P010613 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3301NF160QG SSDOME
4:1
11/28/2006
P010613
D
TN
1
1
P.C.B. LAYOUT
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 12VDC, 50mA
5. OPERATING FORCE: 160 `50 gf
6. TRAVEL: 0.25mm +0.2/-0.1mm
7. CONTACT RESISTANCE: 100 MILLI OHMS MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE: 1,000,000 CYCLES.
9. CONTACT MATERIAL: SILVER
10. 2002/95/EC (ROHS) COMPLIANT
11. PACKAGING: TAPE AND REEL/1200 PER REEL.
12.
DENOTES CRITICAL PARAMETER
13. STAINLESS STEEL DOME
1
2
4
3
1
2
4
3
3.60
[.142 in]
4.30
[.169 in]
6.00
[.236 in]
SQUARE
.40
[.016 in] MAX.
4.50
[.177 in]
.70
[.028 in] TYP.
7.00
[.276 in]
11.20
[.441 in]
5.90
[.232 in]
3.10
[.122 in]
2
4
3
CIRCUIT: SPST
1
.30
[.012 in]
10.00
[.394 in]
D
16708
UPDATED, CONVERTED INVENTOR
11/28/06
TN
8.40
[.331 in]
3.50
[.138 in]


Similar Part No. - P010613

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010610 E-SWITCH-P010610 Datasheet
63Kb / 1P
All Dimension In MM
P010616 E-SWITCH-P010616 Datasheet
39Kb / 1P
All Dimension In MM
P010618 E-SWITCH-P010618 Datasheet
70Kb / 1P
All Dimension In MM
P010619 E-SWITCH-P010619 Datasheet
36Kb / 1P
All Dimension In MM
More results

Similar Description - P010613

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com