Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P010658 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010658
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010658 Datasheet(HTML) 1 Page - E-SWITCH

  P010658 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3301BF260QJ
5:1
6/21/2010
P010658
A
BLR
1
1
P.C.B. LAYOUT
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 50mA @ 12VDC
5. OPERATING FORCE: 260 ` 50 g
6. TRAVEL: 0.25mm +0.2/ -0.1
7. CONTACT RESISTANCE: 100 MILLI OHMS MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE: 100,000 CYCLES.
9. CONTACT MATERIAL: SILVER
10. PACKAGE: 90 PER Tube
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT.
13. OPERATING TEMPERATURE: -20°C TO 70°C
1
2
4
3
1
2
4
3
FLUSH WITH SURFACE
WITHIN 0.1mm
-A-
2.00
[.079 in]
7.60
[.299 in]
4
2
1
CIRCUIT: SPST
3
A
19148
Release For Production
6/21/10
BLR
6.00
[.236 in]
o
4.50
[.177 in]
.70
[.028 in]
.40
[.016 in]
3.00
[.118 in]
2.34
[.092 in]
6.60
[.260 in]
.30
[.012 in]
3.60
[.142 in]
-A-
6.00
[.236 in]
9.50
[.374 in]
3.1
[.12 in]
n


Similar Part No. - P010658

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010651 E-SWITCH-P010651 Datasheet
100Kb / 1P
All Dimension In MM
P010653 E-SWITCH-P010653 Datasheet
48Kb / 1P
All Dimension In MM
P010654 E-SWITCH-P010654 Datasheet
72Kb / 1P
All Dimension In MM
P010655 E-SWITCH-P010655 Datasheet
106Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010656 E-SWITCH-P010656 Datasheet
90Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010658

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com