Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32AP7001 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT32AP7001
Description  High Performance, Low Power AVR32 32-Bit Microcontroller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7001 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT32AP7001_14 Datasheet HTML 2Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 3Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 4Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 5Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 6Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 7Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 8Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 9Page - ATMEL Corporation AT32AP7001_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
32015GS–AVR32–09/09
AT32AP7001
– Round-Robin Arbitration (three modes supported: no default master, last
accessed default
master, fixed default master)
– Burst Breaking with Slot Cycle Limit
– One Address Decoder Provided per Master
2 Peripheral buses allowing each bus to run on different bus speeds.
– PB A intended to run on low clock speeds, with peripherals connected to the PDC.
– PB B intended to run on higher clock speeds, with peripherals connected to the DMACA.
HSB-HSB Bridge providing a low-speed HSB bus running at the same speed as PBA
– Allows PDC transfers between a low-speed PB bus and a bus matrix of higher clock speeds
An overview of the bus system is given in Figure 2-1 on page 3. All modules connected to the
same bus use the same clock, but the clock to each module can be individually shut off by the
Power Manager. The figure identifies the number of master and slave interfaces of each module
connected to the HSB bus, and which DMA controller is connected to which peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com