Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2601 Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part # HCPL2601
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2601 Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button HCPL2601 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2601 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2601 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2601 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL2601 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL2601 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL2601 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL2601 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL2601 Datasheet HTML 20Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
VCC1
5 V
GND 1
D1*
SHIELD
DUAL CHANNEL DEVICE
CHANNEL 1 SHOWN
8
7
5
390
Ω
0.1 µF
BYPASS
1
2
+
–
5 V
GND 2
VCC2
2
470
Ω
1
IF
VF
*DIODE D1 (1N916 OR EQUIVALENT) IS NOT REQUIRED FOR UNITS WITH OPEN COLLECTOR OUTPUT.
VCC1
5 V
GND 1
D1*
I F
VF
SHIELD
SINGLE CHANNEL DEVICE
8
6
5
390
Ω
0.1 µF
BYPASS
2
3
+
–
5 V
GND 2
VCC2
2
470
Ω
1
7
VE
Figure 18. Recommended TTL/LSTTL to TTL/LSTTL Interface Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com