| Electronic Components Datasheet Search |
|
AT91SAM Datasheet(PDF) 38 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM Datasheet(HTML) 38 Page - ATMEL Corporation |
|
38 / 50 page ![]() 38 SAM7S Series [DATASHEET] 6175KS–ATARM–25-Oct-12 10.8 Serial Synchronous Controller Provides serial synchronous communication links used in audio and telecom applications Contains an independent receiver and transmitter and a common clock divider Offers a configurable frame sync and data length Receiver and transmitter can be programmed to start automatically or on detection of different event on the frame sync signal Receiver and transmitter include a data signal, a clock signal and a frame synchronization signal 10.9 Timer Counter Three 16-bit Timer Counter Channels Two output compare or one input capture per channel (except for SAM7S32/16 which have only two channels connected to the PIO) Wide range of functions including: Frequency measurement Event counting Interval measurement Pulse generation Delay timing Pulse Width Modulation Up/down capabilities Each channel is user-configurable and contains: Three external clock inputs (The SAM7S32/16 have one) Five internal clock inputs, as defined in Table 10-5 Two multi-purpose input/output signals Two global registers that act on all three TC channels 10.10 PWM Controller Four channels, one 16-bit counter per channel Common clock generator, providing thirteen different clocks One Modulo n counter providing eleven clocks Two independent linear dividers working on modulo n counter outputs Independent channel programming Independent enable/disable commands Independent clock selection Independent period and duty cycle, with double buffering Programmable selection of the output waveform polarity Table 10-5. Timer Counter Clocks Assignment TC Clock Input Clock TIMER_CLOCK1 MCK/2 TIMER_CLOCK2 MCK/8 TIMER_CLOCK3 MCK/32 TIMER_CLOCK4 MCK/128 TIMER_CLOCK5 MCK/1024 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |