Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D01294 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D01294
Description  Hexagon Nut And Screw Head Covers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D01294 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D01294 Datasheet HTML 1Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 2Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 3Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
All-in-one base and cover
Cap snaps into base to give a neat and decorative finish
Material: Polypropylene
Available in matt finish only
RoHS Directive 2002/95/EC compliant
PART NUMBER
Screw Size
A
B
Black
White
Red
Green
1639588
1639591
1639594
1639598
M3/M4 & N°4
11.5
5.0
1639589
1639592
1639595
1639599
M4/M5 & N°8/N°10
13.7
5.5
1639590
1639593
1639597
1639600
M6 & 1/4"
17.4
6.5
RoHS
Hinged Screw Covers
Mechanical/Physical Properties
Units
Value
Density
g/cm3
0.9
Hardness
Shore D
71
Tensile Strength, Yield
MPa
35.9
Elongation at Yield
%
490
Flexural Modulus
GPa
1.39
Material Properties
Thermal Properties
Units
Value
Deflection Temperature at 0.45MPa
°C
104
Vicat Softening Temperature
°C
150
Above information is for guidance only and should not be used to establish specifications or as the basis of a design



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com