Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FII40-06D Datasheet(PDF) 4 Page - IXYS Corporation

Part # FII40-06D
Description  IGBT phaseleg
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FII40-06D Datasheet(HTML) 4 Page - IXYS Corporation

  FII40-06D Datasheet HTML 1Page - IXYS Corporation FII40-06D Datasheet HTML 2Page - IXYS Corporation FII40-06D Datasheet HTML 3Page - IXYS Corporation FII40-06D Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2011 IXYS All rights reserved
4 - 4
20110119a
FII 40-06D
IXYS reserves the right to change limits, test conditions and dimensions.
0
20
40
60
0
2
4
6
8
0
20
40
60
80
0
20
40
60
0,0
0,5
1,0
1,5
2,0
0
100
200
300
400
0,00001 0,0001 0,001
0,01
0,1
1
10
0,0001
0,001
0,01
0,1
1
10
0
10
20
30
40
50
60
70
80
0,0
0,5
1,0
1,5
2,0
0
100
200
300
400
0
10
20
30
40
50
60
70
80
0
1
2
3
4
20
40
60
80
single pulse
V
CE = 300V
V
GE = ±15V
R
G = 33
T
VJ = 125°C
VDI...50-06P1
V
CE = 300V
V
GE = ±15V
I
C
= 30A
T
VJ = 125°C
0
100
200
300
400
500
600
700
0
20
40
60
80
R
G = 33
T
VJ = 125°C
V
CE = 300V
V
GE = ±15V
R
G = 33
T
VJ = 125°C
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
E
off
E
on
t
t
R
G
R
G
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
ZthJC
IGBT
V
A
mJ
ns
ns
mJ
25T60
25T60
25T60
25T60
25T60
V
CE = 300 V
V
GE = ±15 V
I
C
= 30 A
T
VJ = 125°C
diode
Fig. 7 Typ. turn on energy and switching
Fig. 8 Typ. turn off energy and switching times versus
collector current times versus collector current
Fig. 9 Typ. turn on energy and switching
Fig. 10 Typ. turn off energy and switching times versus
gate resistor times versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12 Typ. transient thermal impedance RBSOA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com