Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2731 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL2731
Description  Dual Channel Low Input Current, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2731 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL2731 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1-115
Electrical Specifications
0
°C ≤ T
A ≤ 70°C, 4.5 V ≤ VCC ≤ 18 V, 0.5 mA ≤ IF(ON) ≤ 12 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, unless otherwise
specified. All Typicals at TA = 25°C. (See note 8.)
Device
Parameter
Sym.
HCPL-
Min. Typ.*
Max. Units
Test Conditions
Fig.
Note
Current
CTR
2731
400
1800
5000
%
IF = 0.5 mA
VCC = 4.5
2, 3
2
Transfer
0731
VO = 0.4 V
500
1600
2600
IF = 1.6 mA
2730/0730
300
1600
2600
IF = 1.6 mA
Logic Low
VOL
2731
0.1
0.4
V
IF = 1.6 mA,
VCC = 4.5 V
1
Output
0731
IO = 8 mA
Voltage
0.1
0.4
IF = 5.0 mA,
IO = 15 mA
0.2
0.4
IF = 12 mA,
IO = 24 mA
2730/0730
0.1
0.4
IF = 1.6 mA,
IO = 4.8 mA
Logic High
IOH
2731/0731
0.05
100
µAV
O = VCC = 18 V
IF = 0 mA
2
Output
Current
2730/0731
0.1
250
VO = VCC = 7 V
Logic Low
ICCL 2731/0731
1.2
3
mA
VCC = 18 V IF1 = IF2 = 1.6 mA
5
Supply
V01 = V02 = Open
Current
2730/0730
0.9
VCC = 7 V
Logic High
ICCH 2731/0731
0.005
20
µAV
CC = 18 V IF1 = IF2 = 0 mA,
5
Supply
V01 = V02 = Open
Current
2730/0730
0.004
VCC = 7 V
Input
VF
1.4
1.7
V
TA = 25°C4
Forward
Voltage
1.75
IF = 1.6 mA
Input
BVR
5.0
V
IR = 10 µA, TA = 25°C2
Reverse
Breakdown
Voltage
Temperature
∆V
F
-1.8
mV/
°CI
F = 1.6 mA
Coefficient
∆T
A
of Forward
Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0
2
Capacitance
*All typical values at T
A = 25°C and VCC = 5 V, unless otherwise noted.
Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com