Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4503 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # HCPL4503
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4503 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button HCPL4503 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Figure 12. Test Circuit for Transient Immunity and Typical Waveforms.
Figure 11. Switching Test Circuit.
VO
PULSE
GEN.
Z
= 50
Ω
t = 5 ns
O
r
I
MONITOR
F
IF
0.1µF
L
R
CL = 1.5 µF
RM
0
tPHL
t
PLH
O
V
IF
OL
V
1.5 V
+5 V
1
2
3
4
8
7
6
5
1.5 V
5 V
10% DUTY CYCLE
1/f < 100 µS
*
* PIN 7 UNCONNECTED IN HCPL-4502/3,
HCPL-0452/3, HCNW4502/3
O
V
5 V
OL
V
O
V
0 V
10%
90% 90%
10%
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 16 mA
F
CM
V
t r
t f
7
1
2
3
4
5
6
8
VO
0.1 µF
L
R
+5 V
PULSE GEN.
VCM
+
–
V
IF
*
A
B
FF
*PIN 7 UNCONNECTED IN HCPL-4502/3, HCPL-0542/3, HCNW4502/3
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152 (Domestic/Interna-
tional), or 0120-61-1280 (Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5989-0305EN
December 20, 2004
5989-2112EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com