Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2232 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL2232
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2232 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL2232 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
1-140
Switching Specifications (AC)
-40
°C ≤ T
A ≤ 85°C, 4.5 V ≤ VCC ≤ 20 V, 1.6 mA ≤ IF(ON)
*
≤ 5 mA, 0 V ≤ V
F(OFF) ≤ 0.8 V.
All Typicals at TA = 25°C, VCC = 5 V, IF(ON) = 3 mA unless otherwise specified.
Parameter
Sym.
Min.
Typ. Max. Units
Test Conditions
Fig.
Note
Propagation Delay Time
tPHL
150
ns
Without Peaking Capacitor
5, 6
1, 6
160
HCNW22XX
150
300
With Peaking Capacitor
Propagation Delay Time
tPLH
110
ns
Without Peaking Capacitor
5, 6
1, 6
180
HCNW22XX
90
300
With Peaking Capacitor
Output Rise Time (10-90%)
tr
30
ns
5, 9
1
Output Fall Time (90-10%)
tf
7
ns
5, 9
1
Parameter
Sym.
Device
Min.
Units
Test Conditions
Fig.
Note
Logic High
|CMH|
HCPL-2201/02
1,000
V/
µs|V
CM| = 50 V
VCC = 5 V
10
1, 7
Common Mode
HCPL-0201
IF = 1.6 mA†
TA = 25°C
Transient
HCPL-2231
Immunity
HCNW2201
HCPL-2211/12
5,000
V/
µs|V
CM| = 300 V
HCPL-0211
IF = 1.6 mA‡
10,000
V/
µs|V
CM| = 1 kV
IF = 5.0 mA
Logic Low
|CML|
HCPL-2201/02
1,000
V/
µs|V
CM| = 50 V
VF = 0 V
10
1, 7
Common Mode
HCPL-0201
VCC = 5 V
Transient
HCPL-2231
TA = 25°C
Immunity
HCNW2201
HCPL-2211/12
10,000
V/
µs|V
CM| = 1 kV
HCPL-0211
HCPL-2232
HCNW2211
*For HCPL-223X, 1.8 mA
≤ I
F(ON) ≤ 5 mA.
†IF = 1.8 mA for HCPL-2231.
‡IF = 1.8 mA for HCPL-2232.
HCPL-2232
HCNW2211
to Logic Low
Output Level
to Logic High
Output Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com