Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0630 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-0630
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0630 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-0630 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1-167
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-261A#XXX
020 = 5000 V rms/1 minute UL Rating Option*
060 = VDE 0884 VIORM = 630 Vpeak Option**
300 = Gull Wing Surface Mount Option***
500 = Tape and Reel Packaging Option
Option data sheets available. Contact your Hewlett-Packard sales representative or authorized distributor for
information.
*For HCPL-261A/261N/263A/263N (8-pin DIP products) only.
**For HCPL-261A/261N only. Combination of Option 020 and Option 060 is not available.
***Gull wing surface mount option applies to through hole parts only.
Selection Guide
Widebody
Minimum CMR
8-Pin DIP (300 Mil)
Small-Outline SO-8
(400 Mil)
Hermetic
On-
Single
Dual
Single
Dual
Single
Single and
dV/dt
VCM
Current
Output
Channel
Channel
Channel
Channel
Channel
Dual Channel
(V/
µs)
(V)
(mA)
Enable
Package
Package
Package
Package
Package
Packages
NA
NA
5
YES
6N137[1]
HCPL-0600[1]
HCNW137[1]
NO
HCPL-2630[1]
HCPL-0630[1]
5,000
50
YES
HCPL-2601[1]
HCPL-0601[1]
HCNW2601[1]
NO
HCPL-2631[1]
HCPL-0631[1]
10,000
1,000
YES
HCPL-2611[1]
HCPL-0611[1]
HCNW2611[1]
NO
HCPL-4661[1]
HCPL-0661[1]
1,000
50
YES
HCPL-2602[1]
3,500
300
YES
HCPL-2612[1]
1,000
50
3
YES
HCPL-261A
HCPL-061A
NO
HCPL-263A
HCPL-063A
1,000[2]
1,000
YES
HCPL-261N
HCPL-061N
NO
HCPL-263N
HCPL-063N
1,000
50
12.5
[3]
HCPL-193X[1]
HCPL-56XX[1]
HCPL-66XX[1]
Notes:
1. Technical data are on separate HP publications.
2. 15 kV/
µs with V
CM = 1 kV can be achieved using HP application circuit.
3. Enable is available for single channel products only, except for HCPL-193X devices.
Input
Schematic
SHIELD
8
6
5
2+
3
VF
USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED
BETWEEN PINS 5 AND 8 IS RECOMMENDED (SEE NOTE 16).
–
IF
ICC
VCC
VO
GND
IO
VE
IE
7
HCPL-261A/261N
HCPL-061A/061N
SHIELD
8
7
+
2
VF1
–
IF1
ICC
VCC
VO1
IO1
1
SHIELD
6
5
–
4
VF2
+
IF2
VO2
GND
IO2
3
HCPL-263A/263N
HCPL-063A/063N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com