Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0631 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-0631
Description  High CMR Line Receiver Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0631 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-0631 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0631 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1-315
Selection Guide
Widebody
Minimum CMR
8-Pin DIP (300 Mil)
Small-Outline SO-8
(400 Mil)
Hermetic
On-
Single
Dual
Single
Dual
Single
Single and
dV/dt
VCM
Current
Output
Channel
Channel
Channel
Channel
Channel
Dual Channel
(V/
µs)
(V)
(mA)
Enable
Package
Package
Package
Package
Package
Packages
NA
NA
5
YES
6N137
HCPL-0600
HCNW137
NO
HCPL-2630
HCPL-0630
5,000
50
YES
HCPL-2601
HCPL-0601
HCNW2601
NO
HCPL-2631
HCPL-0631
10,000
1,000
YES
HCPL-2611
HCPL-0611
HCNW2611
NO
HCPL-4661
HCPL-0661
1,000
50
YES
HCPL-2602[1]
3,500
300
YES
HCPL-2612[1]
1,000
50
3
YES
HCPL-261A
HCPL-061A
NO
HCPL-263A
HCPL-063A
1,000[2]
1,000
YES
HCPL-261N
HCPL-061N
NO
HCPL-263N
HCPL-063N
1,000
50
12.5
[3]
HCPL-193X
HCPL-56XX
HCPL-66XX
Notes:
1. HCPL-2602/2612 devices include input current regulator.
2. 15 kV/
µs with V
CM = 1 kV can be achieved using HP application circuit.
3. Enable is available for single channel products only, except for HCPL-193X devices.
an open collector Schottky
clamped transistor. An enable
input gates the detector. The
internal detector shield provides a
guaranteed common mode
transient immunity specification
of 1000 V/
µs for the 2602, and
3500 V/
µs for the 2612.
DC specifications are defined
similar to TTL logic. The
optocoupler ac and dc operational
parameters are guaranteed from
0
°C to 70°C allowing trouble-free
interfacing with digital logic
circuits. An input current of 5 mA
will sink an eight gate fan-out
(TTL) at the output.
The HCPL-2602/12 are useful as
line receivers in high noise
environments that conventional
line receivers cannot tolerate. The
higher LED threshold voltage
provides improved immunity to
differential noise and the internally
shielded detector provides orders
of magnitude improvement in
common mode rejection with little
or no sacrifice in speed.
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com