Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL7820 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL7820
Description  High CMR Analog Isolation Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7820 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL7820 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7820 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7820 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7820 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7820 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7820 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL7820 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL7820 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL7820 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
1-242
Figure 12. Nonlinearity vs. Full-Scale
Value.
Figure 13. Input Current vs. Input
Voltage.
Figure 14. Input Supply Current vs.
Input Voltage.
VIN+ – INPUT VOLTAGE – V
-4
-6
-8
-4
2
-2
0
2
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25°C
-10
-2
0
-6
6
4
VIN+ – INPUT VOLTAGE – V
11
14
-0.2
0
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
7
TA = 100°C
-0.4
0.4
0.2
TA = -40°C
10
TA = 25°C
13
12
9
8
Figure 6. Gain Change vs.
Temperature.
Figure 7. Gain Change vs. VDD1 and
VDD2.
Figure 8. Nonlinearity Error Plot vs.
Input Voltage.
TA – TEMPERATURE – °C
0.2
0.1
-0.2
-20
0.5
20
60
VDD1 = 5 V
VDD2 = 5 V
-0.3
0.3
0.4
-40
100
0
040
80
-0.1
VDD – SUPPLY VOLTAGE – V
0
-0.1
-0.4
4.6
0.3
4.8
5.0
5.2
TA = 25°C
-0.5
0.1
vs. VDD1 (VDD2 = 5 V)
0.2
4.4
5.6
5.4
vs. VDD2 (VDD1 = 5 V)
-0.2
-0.3
Figure 9. Nonlinearity vs.
Temperature.
Figure 10. 200 mV Nonlinearity vs.
VDD1 and VDD2.
Figure 11. 100 mV Nonlinearity vs.
VDD1 and VDD2.
VIN+ – INPUT VOLTAGE – V
-0.02
-0.06
-0.08
-0.1
0.04
0
0.1
-0.10
0
200 mV ERROR
0.02
-0.2
0.2
100 mV ERROR
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25°C
-0.04
TA – TEMPERATURE – °C
0.08
0.04
0
0.16
20
60
0
0.12
200 mV NL
-40
100
100 mV NL
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
-20
40
80
0.02
0.06
0.10
0.14
VDD – SUPPLY VOLTAGE – V
0.034
0.026
4.6
0.040
4.8
5.0
5.2
TA = 25°C
0.024
vs. VDD1 (VDD2 = 5 V)
0.036
4.4
5.6
5.4
vs. VDD2 (VDD1 = 5 V)
0.030
0.028
0.032
0.038
VDD – SUPPLY VOLTAGE – V
0.070
0.065
0.055
4.6
0.080
4.8
5.0
5.2
TA = 25°C
0.050
vs. VDD1 (VDD2 = 5 V)
0.075
4.4
5.6
5.4
vs. VDD2 (VDD1 = 5 V)
0.060
FS – FULL-SCALE VALUE – V
0.10
±0.05
0.50
±0.10 ±0.15 ±0.20
VDD1 = 5 V
VDD2 = 5 V
0.01
TA = 100°C
0
±0.30
±0.25
TA = -40°C
0.05
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com