Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL7840 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL7840
Description  Analog Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7840 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL7840 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1-259
VOLTAGE
REGULATOR
CLOCK
GENERATOR
Σ∆
MODULATOR
ENCODER
LED DRIVE
CIRCUIT
DETECTOR
CIRCUIT
DECODER
AND D/A
FILTER
ISO-AMP
OUTPUT
VOLTAGE
REGULATOR
ISO-AMP
INPUT
ISOLATION
BOUNDARY
Figure 22. HCPL-7840 Block Diagram.
0.1 µF
+5 V
VOUT
8
7
6
1
3
U2
5
2
4
R1
2.00 K
+15 V
C8
0.1 µF
0.1 µF
-15 V
–
+
MC34081
R3
10.0 K
HCPL-7840
C4
R4
10.0 K
C6
150 pF
U3
U1
78L05
IN
OUT
C1
C2
0.01
µF
R5
68
GATE DRIVE
CIRCUIT
POSITIVE
FLOATING
SUPPLY
• • •
HV+
• • •
HV–
• • •
–
+
RSENSE
MOTOR
C5
150 pF
0.1
µF
0.1
µF
C3
C7
R2
2.00 K
Figure 26. Bottom Layer of Printed
Circuit Board Layout.
TO RSENSE+
TO RSENSE–
TO VDD1
TO VDD2
VOUT+
VOUT–
Figure 25. Top Layer of Printed
Circuit Board Layout.
C3
C2
C4
R5
Figure 24. Single-Supply Post-Amplifier Circuit.
0.1 µF
+5 V
VOUT
8
7
6
1
3
U2
5
2
4
R1
10.0 K
+5 V
C8
0.1 µF
–
+
MC34071
R3
10.0 K
HCPL-7840
C4
R4B
20.0 K
C6
150 pF
U3
R4A
20.0 K
+5 V
C5
150 pF
R2
10.0 K
Figure 23. Recommended Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com