Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2602 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-2602
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2602 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2602 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1-173
Common Mode Transient Immunity Specifications, All values at T
A = 25°C
Parameter
Device
Symbol Min.
Typ. Max. Units
Test Conditions
Fig. Note
Output High
HCPL-261A
|CMH|
1
5
kV/
µsV
CM = 50 V
VCC = 5.0 V,
17
4, 13,
Level Common
HCPL-061A
RL = 350 Ω,
15, 18
Mode Transient
HCPL-263A
IF = 0 mA,
Immunity
HCPL-063A
TA = 25°C
HCPL-261N
1
5
kV/
µsV
CM = 1000 V
HCPL-061N
HCPL-263N
15
25
kV/
µs
Using HP App
20
4, 13,
HCPL-063N
Circuit
15
Output Low
HCPL-261A
|CML|
1
5
kV/
µsV
CM = 50 V
VCC = 5.0 V,
17
4, 14,
Level Common
HCPL-061A
RL = 350 Ω,
15, 18
Mode Transient
HCPL-263A
IF = 3.5 mA,
Immunity
HCPL-063A
VO(MAX) = 0.8 V
HCPL-261N
1
5
kV/
µsV
CM = 1000 V
HCPL-061N
HCPL-263N
15
25
kV/
µs
Using HP App
20
4, 14,
HCPL-063N
Circuit
15
Switching Specifications
Over recommended operating temperature (TA = -40°C to +85°C) unless otherwise specified
Parameter
Symbol
Min.
Typ.* Max. Units
Test Conditions
Fig.
Note
Input Current Threshold
ITHL
1.5
3.0
mA
VCC = 5.5 V, VO = 0.6 V, 7, 10
18
High to Low
IO >13 mA (Sinking)
Propagation Delay
tPLH
52
100
ns
IF = 3.5 mA
9, 11, 4, 9,
Time to High Output
VCC = 5.0 V,
12
18
Level
VE = Open,
Propagation Delay
tPHL
53
100
ns
9, 11, 4, 10,
Time to Low Output
12
18
Level
Pulse Width Distortion
PWD
11
45
ns
9, 13 17, 18
|tPHL - tPLH|
Propagation Delay Skew
tPSK
60
ns
24
11, 18
Output Rise Time
tR
42
ns
9, 14
4, 18
Output Fall Time
tF
12
ns
9, 14
4, 18
Propagation Delay
tEHL
19
ns
IF = 3.5 mA
15,
12
Time of Enable
VCC = 5.0 V,
16
from VEH to VEL
VEL = 0 V, VEH =3 V,
Propagation Delay
tELH
30
ns
15,
12
Time of Enable
16
from VEL to VEH
*All typical values at TA = 25°C, VCC = 5 V.
CL = 15 pF,
RL = 350 Ω
CL =15pF,
RL = 350 Ω
VO(MIN) = 2 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com