Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7660JC Datasheet(PDF) 2 Page - NEC

Part # NX7660JC
Description  1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX7660JC Datasheet(HTML) 2 Page - NEC

  NX7660JC Datasheet HTML 1Page - NEC NX7660JC Datasheet HTML 2Page - NEC NX7660JC Datasheet HTML 3Page - NEC NX7660JC Datasheet HTML 4Page - NEC NX7660JC Datasheet HTML 5Page - NEC NX7660JC Datasheet HTML 6Page - NEC NX7660JC Datasheet HTML 7Page - NEC NX7660JC Datasheet HTML 8Page - NEC NX7660JC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet P13854EJ3V0DS00
2
NX8501 Series
OPTICAL FIBER DIMENSIONS
in millimeters
250
500
125
Nylon pipe
Cave
Primary coat
9 m core
φµ
900
( m)
µ
10
1 000 MIN.
-BA: FC-PC connector
-CA: SC-PC connector
267±10
250 m Corning SMF-28
φ
µ
900 m Nylon pipe
φ
µ
900 m Nylon pipe
φ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com