Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2631 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL2631
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2631 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL2631 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2631 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1-174
Package Characteristics
All Typicals at TA = 25°C
Parameter
Sym.
Package*
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
2500
V rms
RH
≤ 50%,
5, 6
Momentary With-
t = 1 min.,
stand Voltage**
TA = 25°C
Input-Output
RI-O
1012
Ω
VI-O = 500 Vdc
4, 8
Resistance
Input-Output
CI-O
0.6
pF
f = 1 MHz,
4, 8
Capacitance
TA = 25°C
Input-Input
II-I
Dual Channel
0.005
µA
RH
≤ 45%,
19
Insulation
t = 5 s,
Leakage Current
VI-I = 500 V
Resistance
RI-I
Dual Channel
1011
Ω
19
(Input-Input)
Capacitance
CI-I
Dual 8-pin DIP
0.03
pF
f = 1 MHz
19
Dual SO-8
0.25
*Ratings apply to all devices except otherwise noted in the Package column.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”
†For 8-pin DIP package devices (HCPL-261A/261N/263A/263N) only.
(Input-Input)
OPT 020†
5000
5, 7
Notes:
1. Peaking circuits may be used which
produce transient input currents up
to 30 mA, 50 ns maximum pulse
width, provided the average current
does not exceed 10 mA.
2. 1 minute maximum.
3. Derate linearly above 80
°C free-air
temperature at a rate of 2.7 mW/
°C
for the SOIC-8 package.
4. Each channel.
5. Device considered a two-terminal
device: Pins 1, 2, 3, and 4 shorted
together and Pins 5, 6, 7, and 8
shorted together.
6. In accordance with UL1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 3000 V
RMS for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
This test is performed before the
100% production test for partial
discharge (method b) shown in the
VDE 0884 Insulation Characteristics
Table, if applicable.
7. In accordance with UL1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 6000 V
RMS for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
8. Measured between the LED anode and
cathode shorted together and pins 5
through 8 shorted together.
9. The tPLH propagation delay is
measured from the 1.75 mA point on
the falling edge of the input pulse to
the 1.5 V point on the rising edge of
the output pulse.
10. The tPHL propagation delay is
measured from the 1.75 mA point on
the rising edge of the input pulse to
the 1.5 V point on the falling edge of
the output pulse.
11. Propagation delay skew (tPSK) is
equal to the worst case difference in
tPLH and/or tPHL that will be seen
between any two units under the
same test conditions and operating
temperature.
12. Single channel products only (HCPL-
261A/261N/061A/061N).
13. Common mode transient immunity in
a Logic High level is the maximum
tolerable |dVCM/dt| of the common
mode pulse, VCM, to assure that the
output will remain in a Logic High
state (i.e., Vo > 2.0 V).
14. Common mode transient immunity in
a Logic Low level is the maximum
tolerable |dVCM/dt| of the common
mode pulse, VCM, to assure that the
output will remain in a Logic Low
state (i.e., VO < 0.8 V).
15. For sinusoidal voltages
(|dVCM/dt|)max = πfCM VCM(P-P).
16. Bypassing of the power supply line is
required with a 0.1
µF ceramic disc
capacitor adjacent to each optocoup-
ler as shown in Figure 19. Total lead
length between both ends of the
capacitor and the isolator pins should
not exceed 10 mm.
17. Pulse Width Distortion (PWD) is
defined as the difference between
tPLH and tPHL for any given device.
18. No external pull up is required for a
high logic state on the enable input of
a single channel product. If the VE pin
is not used, tying VE to VCC will result
in improved CMR performance.
19. Measured between pins 1 and 2
shorted together, and pins 3 and 4
shorted together. For dual channel
parts only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com