Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTL2016 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCTL2016
Description  Quadrature Decoder/Counter Interface ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL2016 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCTL2016 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2-182
Switching Characteristics
Table 5. Switching Characteristics Min/Max specifications at VDD = 5.0 ± 5%, TA = -40 to + 85°C.
Symbol Description
Min.
Max.
Units
1tCLK
Clock period
70
ns
2tCHH
Pulse width, clock high
28
ns
3tCD[1]
Delay time, rising edge of clock to valid, updated count
65
ns
information on D0-7
4tODE
Delay time, OE fall to valid data
65
ns
5tODZ
Delay time, OE rise to Hi-Z state on D0-7
40
ns
6tSDV
Delay time, SEL valid to stable, selected data byte
65
ns
(delay to High Byte = delay to Low Byte)
7tCLH
Pulse width, clock low
28
ns
8tSS[2]
Setup time, SEL before clock fall
20
ns
9tOS[2]
Setup time, OE before clock fall
20
ns
10
tSH[2]
Hold time, SEL after clock fall
0
ns
11
tOH[2]
Hold time, OE after clock fall
0
ns
12
tRST
Pulse width, RST low
28
ns
13
tDCD
Hold time, last position count stable on D0-7 after clock rise
10
ns
14
tDSD
Hold time, last data byte stable after next SEL state change
5
ns
15
tDOD
Hold time, data byte stable after OE rise
5
ns
16
tUDD
Delay time, U/D valid after clock rise
45
ns
17
tCHD
Delay time, CNTDCDR or CNTCAS high after clock rise
45
ns
18
tCLD
Delay time, CNTDCDR or CNTCAS low after clock fall
45
ns
19
tUDH
Hold time, U/D stable after clock rise
10
ns
20
tUDCS
Setup time, U/D valid before CNTDCDR or CNTCAS rise
tCLK-45
ns
21
tUDCH
Hold time, U/D stable after CNTDCDR or CNTCAS rise
tCLK-45
ns
Notes:
1. tCD specification and waveform assume latch not inhibited.
2. tSS, tOS, tSH, tOH only pertain to proper operation of the inhibit logic. In other cases, such as 8 bit read operations, these setup
and hold times do not need to be observed.
Figure 3. Tri-State Output Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com