Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-1024 Datasheet(PDF) 32 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 32 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 28Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 29Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 30Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 31Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 32Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 33Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 34Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 35Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 36Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
647
Figure 16. Full Duplex Configuration.
Appendix II: Link
Configuration Examples
This section shows some
application examples using the
HDMP-1022/1024 chipset. Refer
to I/O Definition for detailed
circuit-level interconnection.
This guide is intended to aid the
user in designing G-LINK into a
system. It provides the necessary
details of getting the system up,
without the detailed description of
the inner circuitry of the chip set.
The first section is a description
of the various configurations for
duplex and simplex operation.
The second section describes the
interface to both single frame and
double frame mode. Following
that is a section on the integrating
capacitor and power supply
bypassing recommendations.
Next is a guide to the various
types of electrical I/O connec-
tions. The final section is a
discussion on TTL translations
and the use of a single positive
supply. Also included is a list of
the various options and their
definitions.
Duplex/Simplex
Configurations
The following describes the
common setups for the link. In all
cases, the DIN and LIN are
differential high speed lines, and
unused leads should be terminated
with 50
Ω AC coupled to ground.
Since the data stream has no DC
component, a coupling cap of
0.1
µF is recommended for the
DIN and LIN inputs.
Full Duplex
Figure 16 shows HDMP-1022/
1024 in a full duplex configura-
tion connecting two bidirectional
(parallel) buses. Each end of the
link has a Tx and Rx pair. The
receiver’s state machine outputs
(STAT0 and STAT1) are used to
control the status of the link.
Various options such as 16/20 bit
mode (M20SEL) and speed
selections (DIV0,DIV1) are
grouped together under the label
‘options.’ A power-on reset is
available to the user to reset the
link during startup.
When the Tx has acquired lock to
the incoming STRBIN at the
frame rate, the LOCKED pin is
activated, which enables the Rx.
At this state, both STAT0 and
STAT1 are low, forcing the Tx to
send FF0, which is a square wave
pattern used by the remote Rx to
acquire frame lock. When the
local Rx has acquire frame lock,
STAT1 is set high to first turn off
its own frequency detector
(FDIS), then sets itself to active
mode (ACTIVE), and tells the
local Tx to send FF1 to signal the
remote Rx that the local pair is
ready. Likewise, when the remote
pair is ready, the local Rx will
receive FF1, causing STAT0 to go
high, which asserts the enable
data (ED) pin on the Tx. The ED
Tx DATA
INTERFACE
DOUT
OPTIONS
Rx DATA
INTERFACE
DIN
LIN
Rx
Tx
Rx DATA
INTERFACE
LIN
DIN
Tx DATA
INTERFACE
LOUT
DOUT
Tx
Rx
POWER-ON
RESET
LOUT
POWER-ON
RESET
OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com