Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1045L Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # PS1045L
Description  High current capability, low forward voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

PS1045L Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  PS1045L Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1045L Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1045L Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1045L Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4008-378-873
1
1045 TO-277B
10A, 45V 贴片肖特基整流二极管 规格书
Low VF Schottky Rectifier SMD
TJ=100℃
IF=8A
IF=2A
Test Condition
Fo rward voltagedrop
--
0.31
RQJA
31
Storage Temperature
TJ=25℃
IR
75
VF
0.30
--
mA
V
0.06
TJ=25℃
MAKO Semiconductor Co., Limited
17
0.36
IF=10A
VR=Max.VRRM
--
0.41
Reverse leakagecurrent
--
1/4
Max
UNIT
Rating
TJ=125℃
0.37
0.38
0.47
--
0.41
--
0.35
RATING
■
Electrical Characteristics
Symbol
Characterisrtic
Min
Typ
UNIT
Thermal Resistance, Junction-to-Ambiene
℃
Junction Temperature
TJ
150
Averageforward current
IF(AV)
10
Tstg
-55~+150
IFSM
530
278
A
Maximum DC blocking voltage
VRM
45
http://
www.makosemi.hk/
℃
/W
V
mJ
Surge non repetitive forward current (8.3ms single half sine- wave)
CHARACTERISTIC
Repetitive peak reverse voltage
FEATURES
■
High current capability, low forward voltage
■
Excellent high temperature stability
■
Low power loss, and high ef ficiency
■
High Forward Surge Capability
■
Patented package technology
APPLICATIONS
■
Switching mode power supply applications
■
Portable equipment battery applications
■
High frequency rectification
■
DC/DC Converter
■
Designed as bypass diodes for solar panels
■
ABSOLUTE MAXIMUM RATINGS (TA=25°C,unless otherwise specified)
UNIT
VRRM
45
 特征应用:超薄封装,体积小,超低压降等特点
■
Thermal Characteristics
CHARACTERISTIC
SYMBOL
Single pulse davalanche energy (IAS=12A, L=10mH)
EAS
RATING
SYMBOL
RIGHT PIN
BOTTOMSIDE
HEAT SINK
Package: TO-277B
Top View      Bottom View
LEFT PIN


Similar Part No. - PS1045L

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - PS1045L

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
MBR1045 MAKOSEMI-MBR1045 Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
High current capability, low forward voltage
SR1045L MAKOSEMI-SR1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1550CT MAKOSEMI-MBR1550CT Datasheet
535Kb / 4P
High current capability, low forward voltage
SBR10U45SP5 MAKOSEMI-SBR10U45SP5 Datasheet
499Kb / 4P
High current capability, low forward voltage
SBR15U50SP5 MAKOSEMI-SBR15U50SP5 Datasheet
535Kb / 4P
High current capability, low forward voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com