Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2C Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2C
Description  Miniature Inductive Prox
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2C Datasheet HTML 1Page - Omron Electronics LLC E2C Datasheet HTML 2Page - Omron Electronics LLC E2C Datasheet HTML 3Page - Omron Electronics LLC E2C Datasheet HTML 4Page - Omron Electronics LLC E2C Datasheet HTML 5Page - Omron Electronics LLC E2C Datasheet HTML 6Page - Omron Electronics LLC E2C Datasheet HTML 7Page - Omron Electronics LLC E2C Datasheet HTML 8Page - Omron Electronics LLC E2C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
E2C
E2C
2
Size
1/16 DIN
Miniature
Applicable
All models
E2C-CR8A, E2C-CR8B, E2C-X1A,
E2C-CR5B
sensors
E2C-C1A, E2C-X1R5A
Supply
90 to 264 VAC,
10 to 30 VDC
10 to 30 VDC
voltage
50/60 Hz
Output type
Transistor
Open collector
NPN
PNP
NPN
PNP
and relay
NPN and PNP
Part number
E2C-AK4A
E2C-AM4A
E2C-GE4A
E2C-GF4A
E2C-GE4B
E2C-GF4B
Sensor type
Shielded
Size
2.0 mm dia.
3.5 mm dia.
3.8 mm dia.
M5
5.4 mm dia.
Nominal detecting distance
0.5 mm (0.02 in)
0.8 mm (0.03 in)
0.8 mm (0.03 in)
1 mm (0.04 in)
1 mm (0.04 in)
Part number
E2C-CR5B
E2C-CR8A
E2C-CR8B
E2C-X1A
E2C-C1A
Miniature Inductive Prox
E2C
Sensor type
Shielded
Unshielded
Size
M8
M12
M18
M30
40 mm dia.
Nominal detecting distance
1.5 mm (0.06 in)
2 mm (0.08 in)
5 mm (0.20 in)
10 mm (0.39 in)
20 mm (0.79 in)
Part number
E2C-X1R5A
E2C-X2A
E2C-X5A
E2C-X10A
E2C-C20MA
s AMPLIFIERS
Socket-Mount Types
Standard Sizes
s SENSORS
Miniature Sizes
s Separate amplifier allows sensor to fit in
space-confined sites, providing easy
access for monitoring and remote
adjustments
s Detecting distance and differential travel
can be adjusted to meet specific
application requirements
s Adjustable differential travel to set
switching trigger point available on
some amplifiers
Cylindrical Inductive Sensors
with Separate Amplifiers Provide
Variable Detecting Capabilities
Ordering Information


Similar Part No. - E2C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
E2C YEASHIN-E2C Datasheet
138Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
logo
List of Unclassifed Man...
E2C-10-20-038-0 ETC2-E2C-10-20-038-0 Datasheet
386Kb / 5P
e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Omron Electronics LLC
E2C-AM4A OMRON-E2C-AM4A Datasheet
11Mb / 31P
Products Related to Common Sockets and DIN Tracks
2017.4
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
Separate Amplifier Sensor with Sensitivity Adjustment
E2C-ED01 OMRON-E2C-ED01 Datasheet
2Mb / 15P
Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
More results

Similar Description - E2C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-W OMRON-TL-W Datasheet
223Kb / 8P
Miniature Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
Adjustable Capacitive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
Short Barrel Inductive Prox
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
Short Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
Short Barrel Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
All Metal Sensing Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
Long Barrel Inductive Prox
E2S OMRON-E2S Datasheet
545Kb / 8P
Miniature Square Inductive Proximity Sensor
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
Compact Rectangular Inductive Prox
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com