Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6-DLX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S6-DLX
Description  Surge Suppressor- State of the art protection for every application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S6-DLX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S6-DLX Datasheet HTML 1Page - List of Unclassifed Manufacturers S6-DLX Datasheet HTML 2Page - List of Unclassifed Manufacturers S6-DLX Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surge Suppressor- State of the art protection for every application
MODEL NUMBER: S6-DLX
Specifications
OVERVIEW
Intended Application
Home/Office
Style
Strip
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output (Watts)
1800
Circuit Breaker (amps)
15
Outlet Quantity / Type
6 NEMA 5-15R
Number of Outlets
6
Transformer Accommodation
Holds up to 3 large transformer plugs
INPUT
Recommended Electrical Service
120V (110-125V)
Input Connection Type
NEMA 5-15P input plug
Input Cord Length (ft.)
6
Input Cord Length (m)
1.8
Voltage Compatibility (VAC)
120
LEDS ALARMS & SWITCHES
1 / 3


Similar Part No. - S6-DLX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6-DP3-6F0-640 ETC-S6-DP3-6F0-640 Datasheet
523Kb / 8P
SERVICE MANUAL
More results

Similar Description - S6-DLX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
List of Unclassifed Man...
TRR2A12F ETC1-TRR2A12F Datasheet
159Kb / 2P
Miniature, cost-efective switching solution,,state of the art capsule designs
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
State-of-the-Art SMT Design Industry Standard
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
State of the art protection for every application
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
State-of-the-Art, High Brightness Chip Technology
logo
List of Unclassifed Man...
TR-6 ETC2-TR-6 Datasheet
498Kb / 4P
6 outlet, 6-ft cord, 2420 joule Surge Suppressor - State of the art protection for every application
TR-6FM ETC2-TR-6FM Datasheet
496Kb / 5P
6 outlet, 6-ft cord, 3040 joules, Modem/Fax protection Surge Suppressor - State of the art protection for every application
logo
Alpha & Omega Semicondu...
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
Versatile synchronous buck power stage feature state-of-the-art technology
logo
List of Unclassifed Man...
EVALU8R ETC2-EVALU8R Datasheet
501Kb / 26P
State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
Authentication, state-of-the-art security for peripherals and IoT devices
19-Dec-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com