Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC457 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC457
Description  Single-Phase Single Chip Vcore Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC457 Datasheet(HTML) 1 Page - Semtech Corporation

  SC457 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.semtech.com
1
POWER MANAGEMENT
Single-Phase Single Chip
Vcore Power Supply
April 12, 2006
SC457
Applications
Description
Features
The SC457 is a single phase, high performance PWM con-
troller designed to power advanced processors. On-chip
support is provided for VID on-the-fly transitions and active
voltage positioning.
The SC457 implements hysteretic control technology
providing the fastest possible transient response while
avoiding the stability issues inherent to classical PWM
controllers. Eliminating the sense resistors reduces costs
and PCB area while increasing system efficiency. Integrated
SmartDriver™ technology initially turns on the high-side
driver with soft drive to reduce ringing, EMI, and capacitive
turn-on of the low side MOSFET, while increasing overall
efficiency.
Hysteretic operation adaptively reduces the SC457 switch-
ing frequency at light loads. Combined with an automatic
power-save mode which prevents negative current flow in
the low-side FET, system efficiency is significantly enhanced
during light loading conditions.
A 7-bit DAC, accurate to 0.85%, sets the output voltage
reference and implements the 0.300V to 1.500V range
required by the processor. The DAC slew rate is externally
programmed to minimize transient currents and audible
noise. True differential remote sensing provides accurate
point-of-load regulation at the processor die. Other features
include programmable soft-start, open-drain PG_DEL and
PG# outputs, dynamic current sharing, over-voltage and
programmable over-current protection. The SC457 is avail-
able in a space-saving 32-pin MLP package.
Single-Phase Solution with Integrated Drivers
Hysteretic Control for Fast Transient Response
Active Voltage Positioning
True Differential Remote (die) Sensing
On-Chip Support for all Power Management
Features
Programmable Soft-Start and DAC Slew Control
Programmable OCP Threshold
Supports all Ceramic Decoupling Solutions
32-Pin MLP (5x5) - product is WEEE and RoHS
compliant
Default 1.2V Boot Voltage
Soft OFF State
Notebook PCs
Embedded Applications
Graphics and other Processor Cores
NOT RECOMMENDED FOR NEW DESIGN


Similar Part No. - SC457

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
Single-Phase Single Chip Vcore Power Supply
More results

Similar Description - SC457

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC452 SEMTECH-SC452 Datasheet
64Kb / 1P
Dual-Phase Single Chip IMVP-6 Vcore Power Supply
SC454 SEMTECH-SC454 Datasheet
63Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
Single-Phase Single Chip Vcore Power Supply
SC473 SEMTECH-SC473 Datasheet
474Kb / 18P
Single-Phase Single Chip Graphics Core Power Supply
SC472B SEMTECH-SC472B Datasheet
228Kb / 1P
Single-Phase Single Chip Graphics Core Power Supply
SC454 SEMTECH-SC454_09 Datasheet
41Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
logo
Carlo Gavazzi Holding A...
SPPC CARLOGAVAZZI-SPPC Datasheet
3Mb / 36P
Single Phase Power Supply
SPMA CARLOGAVAZZI-SPMA Datasheet
2Mb / 18P
Single Phase Power Supply
SPDM CARLOGAVAZZI-SPDM Datasheet
5Mb / 29P
Single Phase Power Supply
SPDE CARLOGAVAZZI-SPDE Datasheet
3Mb / 19P
Single Phase Compact Power Supply
26/05/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com