Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1124NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # T1124NL
Description  T1/E1/CEPT/ISDN-PRI TRANSFORMERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1124NL Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  T1124NL Datasheet HTML 1Page - Pulse A Technitrol Company T1124NL Datasheet HTML 2Page - Pulse A Technitrol Company T1124NL Datasheet HTML 3Page - Pulse A Technitrol Company T1124NL Datasheet HTML 4Page - Pulse A Technitrol Company T1124NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T622.K (04/12)
4
pulseelectronics.com
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Quad Port T1/E1 with 8 Transformers, 1500 Vrms
TOU
IN
SH
Schematic
Schematic
Mechanicals
1
40
2
39
3
38
5
36
6
35
7
34
8
33
31
30
29
28
26
25
24
23
21
10
11
12
13
15
16
17
18
20
2
L
C
Electrical Specifications @ 25°C
RoHS Compliant
Part Number
Number of
Lines
Turns Ratio
(
±5%)
OCL
(
μH MIN)
w/w
(pF MAX)
L
(
μH MAX)
DCR
(
Ω MAX)
Isolation
(Vrms MIN)
Package/Schematic
T8008NL*
16 (8 x 2 line)
1:1 (8 places)
47.0
25
.18
0.40
500
TOU/2 (Surface Mount)
PE-65554NL
4
1:1:1:1
24.0
15
.20
0.30
500
IN/1 (Through Hole)
PE-65555NL
4
1:1:1:1
8.0
10
.20
0.25
500
IN/1 (Through Hole)
PE-65854NL
4
1:1:1:1
47.0
16
.20
0.30
500
SH/1 (Surface Mount)
PE-65857NL
4
1:1:1:1
24.0
15
.23
0.30
500
LA/1 (Surface Mount)
*Notes: Please see page 1 for TOU mechanical specifications.
High Frequency Common Mode Chokes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com