Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST222005 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST222005
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST222005 Datasheet(HTML) 1 Page - E-SWITCH

  ST222005 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200MDP3T1B1M1QEH
2:1
7/27/2007
ST222005
A
BF
1
1
WITHOUT LOCKING RING
WITH STANDERD LOCKING RING
PANEL MOUNTING
9.40
[.370 in]
8.13
[.320 in]
9.14
[.360 in]
25
~
POS. 1
POS. 3
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
A
17510
RELEASED FOR PRODUCTION
7/27/07
BF
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 3AMPS @120VAC OR 28VDC, 1AMP @250VAC
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SUPPLIED IN BULK
T200000-LOCK WASHER QTY. 1
T200002-LOCK RING
QTY. 1
T200001-HEX NUT
QTY. 2
E-LOGO ON
OPPOSITE SIDE
n2.54
[.100 in]
5.59
[.220 in]
.51
[.020 in]
8.64
[.340 in]
n6.00
[.236 in]
4.40
[.173 in]FLAT
CIRCUIT: DPDT
1
2
5
34
6
10-48 UNS-2A2A
THREADS
4.55
[.179 in]
n4.95
[.195 in]
n2.38
[.094 in]
6.10
[.240 in]
n4.95
[.195in]
4.06
[.160 in]
1.52
[.060 in]
.76
[.030 in]
4.06
[.160 in]
2.54
[.100 in]
.51
[.020 in]
2.80
[.110 in]
EPOXY SEAL


Similar Part No. - ST222005

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
ST2220CG101B101 MERITEK-ST2220CG101B101 Datasheet
1Mb / 10P
Soft Termination Multilayer Ceramic Chip Capacitors
ST2220CG101B201 MERITEK-ST2220CG101B201 Datasheet
1Mb / 10P
Soft Termination Multilayer Ceramic Chip Capacitors
ST2220CG101B251 MERITEK-ST2220CG101B251 Datasheet
1Mb / 10P
Soft Termination Multilayer Ceramic Chip Capacitors
ST2220CG101B501 MERITEK-ST2220CG101B501 Datasheet
1Mb / 10P
Soft Termination Multilayer Ceramic Chip Capacitors
ST2220CG101B631 MERITEK-ST2220CG101B631 Datasheet
1Mb / 10P
Soft Termination Multilayer Ceramic Chip Capacitors
More results

Similar Description - ST222005

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com