Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL717 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IL717
Description  High Speed Four-Channel Digital Isolators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL717 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IL717 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL717 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL717 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL717 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL717 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL717 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL717 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL717 Datasheet HTML 9Page - List of Unclassifed Manufacturers IL717 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IL715/IL716/IL717
6
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
3.3 Volt Electrical Specifications (Tmin to Tmax unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Supply Current
IL715 and IL715-3
IDD1
16
20
µA
IL715-1
300
400
µA
IL716
2.4
3.5
mA
IL717
1.2
1.75
mA
Output Quiescent Supply Current
IL715
IDD2
4.8
7
mA
IL716
2.4
3.5
mA
IL717
3.6
5.25
mA
Logic Input Current
II
−10
10
µA
Logic High Output Voltage
VOH
VDD − 0.1
VDD
V
IO = −20 µA, VI = VIH
0.8 x VDD
0.9 x VDD
IO = −4 mA, VI = VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 µA, VI = VIL
0.5
0.8
IO = 4 mA, VI = VIL
Switching Specifications (VDD = 3.3 V)
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Pulse Width(7)
PW
10
ns
50% Points, V
O
Propagation Delay Input to Output
(High to Low)
tPHL
12
18
ns
CL = 15 pF
Propagation Delay Input to Output
(Low to High)
tPLH
12
18
ns
CL = 15 pF
Pulse Width Distortion (2)
PWD
2
3
ns
CL = 15 pF
Propagation Delay Skew (3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10%−90%)
tR
2
4
ns
CL = 15 pF
Output Fall Time (10%−90%)
tF
2
4
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High or Logic Low)(4)
|CMH|,|CML|
30
50
kV/µs
V
CM = 1500 VDC
t
TRANSIENT = 25 ns
Channel-to-Channel Skew
t
CSK
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
140
240
μA/Mbps
per channel
Magnetic Field Immunity(8) (VDD2 = 3V, 3V <VDD1 <5.5V)
Power Frequency Magnetic Immunity
HPF
1000
1500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
1800
2000
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
1800
2000
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(9)
KX
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com