Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA0185 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # MSA0185
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA0185 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSA0185 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA0185 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA0185 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA0185 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-260
MSA-0185 Typical Performance, T
A = 25°C
(unless otherwise noted)
0
1
3
2
5
4
6
7
16
17
18
5
–25
0
+25
+55
+85
6
7
4
GP
P1 dB
NF
0.1
0.3 0.5
1.0
3.0
6.0
FREQUENCY (GHz)
Figure 1. Typical Power Gain vs.
Frequency, TA = 25°C, Id = 17 mA.
I d (mA)
Figure 3. Power Gain vs. Current.
0
5
10
15
20
25
0
3
6
9
12
15
18
21
10
20
25
30
15
TEMPERATURE (
°C)
Figure 4. Output Power at 1 dB Gain
Compression, NF and Power Gain vs.
CaseTemperature, f = 0.5 GHz, Id = 17 mA.
0.1 GHz
1.0 GHz
2.0 GHz
5.0
5.5
6.0
6.5
7.0
FREQUENCY (GHz)
Figure 6. Noise Figure vs. Frequency.
0.1
0.2 0.3
0.5
2.0
1.0
4.0
0.1
0.2 0.3
0.5
2.0
1.0
4.0
FREQUENCY (GHz)
Figure 5. Output Power at 1 dB Gain
Compression vs. Frequency.
–4
–2
0
2
4
6
Gain Flat to DC
0.5 GHz
Vd (V)
Figure 2. Device Current vs. Voltage.
0
5
10
15
20
25
0
2
34
56
1
Id = 20 mA
Id = 17 mA
Id = 13 mA
TC = +85°C
TC = +25°C
TC = –25°C
Id = 13 mA
Id = 17 mA
Id = 20 mA
MSA-0185 Typical Scattering Parameters (Z
O = 50 Ω, TA = 25°C, Id = 17 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
.06
166
18.4
8.36
172
–22.6
.074
3
.07
–17
0.2
.06
149
18.3
8.20
165
–22.0
.079
8
.07
–28
0.3
.06
133
18.1
8.01
158
–22.2
.078
11
.08
–43
0.4
.06
120
17.8
7.78
151
–21.9
.080
14
.09
–56
0.5
.06
105
17.5
7.53
144
–21.4
.085
18
.09
–68
0.6
.06
94
17.2
7.23
138
–21.4
.085
19
.09
–75
0.8
.07
72
16.5
6.66
127
–20.7
.092
24
.10
–89
1.0
.07
49
15.7
6.09
116
–19.7
.104
27
.10
–100
1.5
.07
12
13.8
4.89
94
–18.0
.126
32
.11
–120
2.0
.04
–13
12.0
3.98
76
–16.2
.154
31
.11
–134
2.5
.03
–84
10.6
3.38
65
–15.1
.175
33
.11
–138
3.0
.07
–159
9.2
2.88
52
–14.2
.194
29
.09
–146
3.5
.12
–174
8.0
2.50
38
–13.3
.216
24
.08
–135
4.0
.16
170
6.8
2.19
26
–12.8
.229
19
.08
–120
4.5
.21
150
5.7
1.93
14
–12.3
.242
13
.08
–107
5.0
.25
126
4.7
1.72
3
–12.2
.245
–6
.07
–110
A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com