Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H01QFTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99H01QFTR
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01QFTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99H01QFTR Datasheet HTML 33Page - STMicroelectronics L99H01QFTR Datasheet HTML 34Page - STMicroelectronics L99H01QFTR Datasheet HTML 35Page - STMicroelectronics L99H01QFTR Datasheet HTML 36Page - STMicroelectronics L99H01QFTR Datasheet HTML 37Page - STMicroelectronics L99H01QFTR Datasheet HTML 38Page - STMicroelectronics L99H01QFTR Datasheet HTML 39Page - STMicroelectronics L99H01QFTR Datasheet HTML 40Page - STMicroelectronics L99H01QFTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
DocID15567 Rev 6
37/53
L99H01
Functional description of the SPI
52
4.5
Detailed byte description of status register (StatReg0)
The read operation starts always with the command byte followed by 1 data byte. The
content of the send data byte has to be ‘0’. The content of the addressed register is shifted
out at DO within the same frame (‘in-frame response’).
The device uses 1 status register to monitor the state of the device. Table 31 shows the
address and the content of the register.
Comments:
•
DS_MON[3:0]: If max drain source voltage exceeds the defined thresholds, the
DS_MON are set and the corresponding drivers go to sink mode. The DS_MON bits
have to be cleared through a software reset to reactivate the drivers.
•
OT_EXT: Depending on EXT_TS bit following two meanings exist:
–
EXT_TS = low (active off):
TS/ACT_OFF pin is used as input to switch the H-bridge in tristate and back.
Details are discribed in Section 3.12.1.
–
EXT_TS = high (thermal sensor interface):
TS/ACT_OFF pin is used as thermal sensor interface for external temperature
diodes. Details are discribed in Section 3.12.2.
•
CP_LOW: If a charge pump output voltage low occurs, all gate drivers must be
switched-off (resistive low). The CP_LOW bit has to be cleared through a software
reset to reactivate the gate driver.
Table 31. Address 0<00(hex)>:StatReg 0 - read only(1)
1.
The errors of the status register are not linked to the <Global Error Flag>.
Bit
7
6
5
4
3
2
1
0
Name
DS_MON_3
DS_MON_2
DS_MON_1
DS_MON_0
X
X
OT_EXT
CP_LOW
<default>
0
0
0
0
0
0
0
0
Table 32. DS_MON - drivers relations
Register
Deactivated driver
DS_MON_3
High-side 2
DS_MON_2
High-side 1
DS_MON_1
Low-side 2
DS_MON_0
Low-side 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com