Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD15PL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMD15PL
Description  1 Amp Schottky Rectifier 50 to 80 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD15PL Datasheet(HTML) 1 Page - Micro Commercial Components

  SMD15PL Datasheet HTML 1Page - Micro Commercial Components SMD15PL Datasheet HTML 2Page - Micro Commercial Components SMD15PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD1
5PL
THRU
SMD18PL
1 Amp Schottky
Rectifier
50 to 80 Volts
Features
•
Schottky Barrier Rectifier
•
High Current Capability
•
Low Forward Voltage
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 28
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SMD15PL
D5
50V
35V
50V
SMD16PL
D6
60V
42V
60V
SMD18PL
D8
80V
56V
80V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 90
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SMD1
5PL-16PL
SMD1
8PL
VF
.
70V
.
85V
IFM = 1.0A;
TJ = 25
°C(Note:2)
Typical Junction
Capacitance
SMD12PL -16PL
SMD18PL
CJ
110pF
30pF
Measured at
1.0MHz, VR=4.0V
Note:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25
°C
TA = 100
°C
SOD-123FL
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
D
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
2.Pulse test: Pulse width 300 sec, Duty cycle 2%
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SMD15PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD15PL MCC-SMD15PL Datasheet
201Kb / 3P
1 Amp Schottky Rectifier 50 to 200 Volts
SMD15PL MCC-SMD15PL Datasheet
215Kb / 3P
1 Amp Schottky Rectifier 50 to 200 Volts Low Forward Voltage
logo
Nanjing International G...
SMD15PL DGNJDZ-SMD15PL Datasheet
94Kb / 2P
1 Amp Schottky Rectifier
SMD15PL DGNJDZ-SMD15PL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
SMD15PL DGNJDZ-SMD15PL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
More results

Similar Description - SMD15PL

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD0801 SSDI-SPD0801 Datasheet
173Kb / 2P
1 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
logo
Daya Electric Group Co....
FR101 DAYA-FR101 Datasheet
83Kb / 3P
1 Amp Schottky Rectifier 50 to 100 Volts
logo
Micro Commercial Compon...
MBR0520 MCC-MBR0520_11 Datasheet
293Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
SMD15PL MCC-SMD15PL Datasheet
201Kb / 3P
1 Amp Schottky Rectifier 50 to 200 Volts
logo
Gaomi Xinghe Electronic...
MBR0520 GXELECTRONICS-MBR0520 Datasheet
692Kb / 2P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0530 GXELECTRONICS-MBR0530 Datasheet
692Kb / 2P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0560 GXELECTRONICS-MBR0560 Datasheet
692Kb / 2P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0580 GXELECTRONICS-MBR0580 Datasheet
692Kb / 2P
0.5 Amp Schottky Rectifier 20 to 80 Volts
logo
Micro Commercial Compon...
MBR0560-TP MCC-MBR0560-TP Datasheet
323Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0520 MCC-MBR0520_16 Datasheet
199Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com