Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801 Datasheet(PDF) 5 Page - NEC

Part # PS2801
Description  HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2801 Datasheet(HTML) 5 Page - NEC

  PS2801 Datasheet HTML 1Page - NEC PS2801 Datasheet HTML 2Page - NEC PS2801 Datasheet HTML 3Page - NEC PS2801 Datasheet HTML 4Page - NEC PS2801 Datasheet HTML 5Page - NEC PS2801 Datasheet HTML 6Page - NEC PS2801 Datasheet HTML 7Page - NEC PS2801 Datasheet HTML 8Page - NEC PS2801 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS2801-1,PS2801-4
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
0
25
50
100
75
75
100
25
50
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
PS2801-4
PS2801-1
0.6 mW/˚C
0.8 mW/˚C
PS2801-1
PS2801-4
1.2 mW/˚C
100
50
75
25
0
200
50
150
100
Ambient Temperature TA ( ˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
0 ˚C
–25 ˚C
–55 ˚C
TA = +100 ˚C
+60 ˚C
+25 ˚C
50
100
0.1
5
1
10
0.5
0.7
0.9
1.1
1.4
0.8
1.0
1.2
1.3
1.5
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
IF = 5 mA
50
mA
10
mA
20
mA
70
0
50
60
30
40
10
20
4
28
610
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
100
10 000
1 000
10
1
–50
–25
0
100
25
50
75
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
VCE = 80 V
40 V
24 V
10 V
5 V
IF = 1 mA
50 mA
20 mA
10 mA
5 mA
2 mA
1
10
40
5
0.5
0.1
0
0.2
1.0
0.4
0.6
0.8
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com