Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA0886 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # MSA0886
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA0886 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSA0886 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA0886 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA0886 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA0886 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-428
MSA-0886 Typical Scattering Parameters[1] (ZO = 50 Ω, TA = 25°C, Id = 36 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
k
0.1
.63
–22
32.5
42.12
160
–36.7
.015
54
.62
–24
0.68
0.2
.56
–41
31.3
36.68
143
–33.9
.020
50
.55
–46
0.64
0.4
.43
–69
28.6
26.94
119
–29.1
.035
52
.43
–79
0.69
0.6
.35
–88
26.4
20.89
104
–27.0
.045
49
.34
–103
0.77
0.8
.30
–104
24.2
16.21
93
–25.3
.054
50
.29
–124
0.83
1.0
.27
–116
22.4
13.20
83
–24.2
.062
49
.26
–139
0.87
1.5
.27
–144
19.2
9.15
65
–21.6
.083
46
.23
–172
0.93
2.0
.31
–166
16.7
6.84
49
–19.5
.105
41
.22
163
0.96
2.5
.35
178
14.8
5.50
38
–17.9
.128
36
.21
149
0.96
3.0
.40
162
12.9
4.41
25
–17.4
.135
30
.20
132
1.01
3.5
.45
149
11.4
3.72
13
–16.8
.145
25
.19
124
1.02
4.0
.51
137
9.9
3.14
1
–16.1
.157
19
.18
121
1.01
5.0
.61
116
7.3
2.31
–22
–15.7
.164
10
.17
130
1.00
6.0
.68
100
4.6
1.69
–42
–15.2
.173
4
.23
143
0.95
Note:
1. A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22
Typical Performance, TA = 25°C
(unless otherwise noted)
0.1
0.3 0.5
1.0
3.0
6.0
FREQUENCY (GHz)
Figure 1. Typical Power Gain vs.
Frequency, Id = 36 mA.
2
04
6
8
10
Vd (V)
Figure 2. Device Current vs. Voltage.
0
5
10
15
20
25
30
35
0
10
20
30
40
Gain Flat to DC
TC = +85°C
TC = +25°C
TC = –25°C
Figure 3. Output Power at 1 dB Gain
Compression, NF and Power Gain vs.
Case Temperature, f = 1.0 GHz,
Id=36mA.
FREQUENCY (GHz)
Figure 4. Output Power at 1 dB Gain
Compression vs. Frequency.
FREQUENCY (GHz)
Figure 5. Noise Figure vs. Frequency.
3.0
2.5
3.5
4.0
4.5
0.1
0.2 0.3
0.5
2.0
1.0
4.0
0.1
0.2 0.3
0.5
2.0
1.0
4
6
8
10
16
14
12
Id = 36 mA
Id = 40 mA
Id = 20 mA
2
3
4
11
12
13
21
22
23
–25
+25
0
+55
+85
TEMPERATURE (
°C)
NF
P1 dB
GP
Id = 36 mA
Id = 20 mA
Id = 20 mA
Id = 36 mA
Id = 40 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com