Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA-2011 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # MSA-2011
Description  Silicon Bipolar RFIC Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-2011 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSA-2011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MSA-2011 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6-472
Typical Performance for MSA-2011
Figure 1. Power Gain vs. Frequency at
Four Temperatures, ID = 32 mA.
Figure 2. Power Gain vs. Current at
25
°C.
Figure 3. Typical P1dB vs. Frequency at
25
°C.
Figure 4. Noise Figure vs. Frequency
at ID = 32 mA.
Figure 5. Power Gain, Noise Figure,
and P1dB vs. Temperature at 1 GHz and
ID = 32 mA.
Figure 6. ID vs. VD at Four
Temperatures.
FREQUENCY (GHz)
0.1
1.0
4.0
25
20
5
10
15
-25
°C
85
°C
25
°C
-55
°C
I (mA)
d
40
25
30
13
11
17
15
20
18
12
14
16
19
20
35
0.1 GHz
2.0 GHz
1.0 GHz
0.5 GHz
FREQUENCY (GHz)
0.1
1.0
4.0
0
16
14
2
8
10
6
4
12
25 mA
40 mA
35 mA
30 mA
20 mA
FREQUENCY (GHz)
0.1
1.0
4.0
3
4
6
5
40 mA
20 mA
AMBIENT TEMPERATURE (
°C)
85
25
9
7
17
16
8
10
15
-25
NF
6
4
5
3
P
G
1dB
P
-55
°C
0
0
30
10
20
V (VOLTS)
D
40
16
5
4
3
2
-25
°C
25
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com