Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83052I Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS83052I
Description  2 1 single-ended multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83052I Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS83052I Datasheet HTML 8Page - Integrated Device Technology ICS83052I Datasheet HTML 9Page - Integrated Device Technology ICS83052I Datasheet HTML 10Page - Integrated Device Technology ICS83052I Datasheet HTML 11Page - Integrated Device Technology ICS83052I Datasheet HTML 12Page - Integrated Device Technology ICS83052I Datasheet HTML 13Page - Integrated Device Technology ICS83052I Datasheet HTML 14Page - Integrated Device Technology ICS83052I Datasheet HTML 15Page - Integrated Device Technology ICS83052I Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ICS83052I REVISION B DECEMBER 8, 2011
12
©2011 Integrated Device Technology, Inc.
ICS83052I Data Sheet
2:1, SINGLE ENDED MULTIPLEXER
2. Junction Temperature
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of
the device. The maximum recommended junction temperature is 125°C. Limiting the internal transistor junction, TJ, to
125°C ensures that the bond wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used.
Assuming no air flow and a multi-layer board, the appropriate value is 101.7°C/W per Table 6.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.221W * 101.7°C/W = 107.4°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air
flow, and the type of board (multi-layer).
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD TSSOP
θθθθθ
A
J
y
t
i
c
o
l
e
V
Y
B
d
n
o
c
e
S
r
e
p
s
r
e
t
e
M
01
5
.
2
s
d
r
a
o
B
t
s
e
T
d
r
a
d
n
a
t
S
C
E
D
E
J
,
B
C
P
r
e
y
a
L
-i
tl
u
MW
/
C
°
7
.
1
0
1W
/
C
°
5
.
0
9W
/
C
°
8
.
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com