Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2DIP2-64 Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # V2DIP2-64
Description  VINCULUM BINDING USB TECHNOLOGIES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-64 Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-64 Datasheet HTML 12Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 13Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 14Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 15Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 16Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 17Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 18Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 19Page - Future Technology Devices International Ltd. V2DIP2-64 Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
15
Document Reference No.: FT_000166
V2DIP2-64 VNCL2-64Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 155
Time
Description
Min
Typical
Max
Uni
t
t1
CLKOUT period
-
20.83
-
ns
t2
CLKOUT high period
9.38
10.42
11.46
ns
t3
CLKOUT low period
9.38
10.42
11.46
ns
t4
CLKOUT to RXF#
1
-
7.83
ns
t5
CLKOUT to read DATA valid
1
-
7.83
ns
t6
OE# to read DATA valid
1
-
7.83
ns
t7
CLKOUT to OE#
1
-
7.83
ns
t8
RD# setup time
12
-
-
ns
t9
RD# hold time
0
-
-
ns
t10
CLKOUT TO TXE#
1
-
-
ns
t11
Write DATA setup time
12
-
-
ns
t12
Write DATA hold time
0
-
-
ns
t13
WR# setup time
12
-
-
ns
t14
WR# hold time
0
-
-
ns
Table 3.9 - Synchronous FIFO Mode Read and Write Cycle Timing
In synchronous mode data can be transmitted to and from the FIFO module on each clock edge. An
external device synchronises to the CLKOUT output and it also has access to the output enable OE# input
to control data flow. An external device should drive output enable OE# low before pulling RD# line
down.
When bursts of data are to be read from the module RD# should be kept low. RXF# remains low when
there is still data to be read. Similarly when bursts of data are to be written to the module WR# should
be kept low. TXE# remains low when there is still space available for the data to be written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com