Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY441 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATTINY441
Description  8-bit AVR Microcontroller with 4/8K Bytes In-System
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY441 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATTINY441 Datasheet HTML 17Page - ATMEL Corporation ATTINY441 Datasheet HTML 18Page - ATMEL Corporation ATTINY441 Datasheet HTML 19Page - ATMEL Corporation ATTINY441 Datasheet HTML 20Page - ATMEL Corporation ATTINY441 Datasheet HTML 21Page - ATMEL Corporation ATTINY441 Datasheet HTML 22Page - ATMEL Corporation ATTINY441 Datasheet HTML 23Page - ATMEL Corporation ATTINY441 Datasheet HTML 24Page - ATMEL Corporation ATTINY441 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 366 page
background image
21
ATtiny441/841 [DATASHEET]
8495H–AVR–05/2014
The next code examples show assembly and C functions for reading the EEPROM. The examples assume that
interrupts are controlled so that no interrupts will occur during execution of these functions.
Note:
See “Code Examples” on page 6.
Note:
See “Code Examples” on page 6.
5.4
Register Description
5.4.1
EEARH – EEPROM Address Register High
Bits 7:1 – Res: Reserved
These bits are reserved and will always read zero.
Bit 0 – EEAR8: EEPROM Address
This is the high address bit in ATtiny841. It is not implemented in ATtiny441.
Assembly Code Example
EEPROM_read:
; Wait for completion of previous write
sbic
EECR, EEPE
rjmp
EEPROM_read
; Set up address (r18:r17) in address registers
out
EEARH, r18
out
EEARL, r17
; Start eeprom read by writing EERE
sbi
EECR, EERE
; Read data from data register
in
r16, EEDR
ret
C Code Example
unsigned char EEPROM_read(unsigned int ucAddress)
{
/* Wait for completion of previous write */
while(EECR & (1<<EEPE));
/* Set up address register */
EEAR = ucAddress;
/* Start eeprom read by writing EERE */
EECR |= (1<<EERE);
/* Return data from data register */
return EEDR;
}
Bit
7
65
43
21
0
0x1F (0x3F)
––
––
––
–
EEAR8
EEARH
Read/Write
RRR
RR
RR
R/W
Initial Value
0
0
0
0
0
0
0
X/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com