Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7806AI Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H7806AI
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7806AI Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H7806AI Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7806AI Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7806AI Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.08.01
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
H7806AI
H7806BI
3-TERMINAL POSITIVE VOLTAGE REGULATOR
Description
The H7806_I series of three-terminal positive regulators are
available in the TO-251 package and with several fixed output
voltages, making it useful in a wide range of applications. These regulators can provide local
on-card regulation, eliminating the distribution problems associated with single point regulation.
Each type employs internal current limiting, thermal shut-down and safe operating area
protection, making it essent-ially indestructible. If adequate heat sinking is provided, they can
deliver over 1A output current. Although designed primarily as fixed voltage regulators, these
devices can be used with external components to obtain adjustable voltages and currents.
H7806_I is characterized for operation from 0
°C to +125°C, and if operating temperature will al-
ways hi, please refer the power dissipation curve.
Absolute Maximum Ratings (Ta=25
°C)
• Input Voltage......................................................................... 35 V (5V Through 9V), 40 V (24V)
• Total Power Dissipation ........................................................................................... Internal limit
• Operating Temperature Range ............................................................................ 0 °C to +70 °C
• Maximum Junction Temperature...................................................................................... 125 °C
• Storage Temperature Range .......................................................................... -55 °C to +150 °C
• Lead Temperature (Soldering 10S).................................................................................. 230 °C
Typical Application
Schematic Diagram
H7806_I
Vout
Vin
3
1
2
C1
C2
Note :
C1 and C2 are required if regulator
is located far from power supply
filter and load, or oscillation may
induced on the loop.
6.3V
3.4K
200
10K
200
1K
2K
0.3
26
4K
20pF
4K
1K
12.1K
1.2
26
1.9K
30K
VREF
Input
Output
GND


Similar Part No. - H7806AI

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7806AI HSMC-H7806AI Datasheet
142Kb / 12P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - H7806AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com