Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7812AM Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H7812AM
Description  Low Current Positive Voltage Regulator Of Surface Mount Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7812AM Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H7812AM Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7812AM Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7812AM Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.08.01
Revised Date : 2001.01.30
Page No. : 1/3
H7812AM, H7812BM
HSMC Product Specification
H7812AM
H7812BM
Low Current Positive Voltage Regulator Of Surface Mount Device
Description
The H7812_M series of surface mount device regulators are easy-
to-use devices suitable for multitude of applications that require a
regulated supply of up to 100mA. These regulators feature internal current limiting and thermal
shutdown making them remarkably rugged. No external components are required with the 781-
2_M devices in many applications.
These devices offer a substantial performance advantage over the traditional zener diode
resistor combination, as output impedance and quiescent current are substantially reduced.
• Wide Range Of Available, Fixed Output Voltages
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components Required
Absolute Maximum Ratings (Ta=25
°C)
• Input Voltage................................................... 30 V (5V Through 9V), 35 V (12V Through 18V)
• Total Power Dissipation ........................................................................................... Internal limit
• Operating Temperature Range ............................................................................ 0 °C to +70 °C
• Maximum Junction Temperature...................................................................................... 125 °C
• Storage Temperature Range .......................................................................... -55 °C to +150 °C
• Lead Temperature (Soldering 10S).................................................................................. 260 °C
Typical Application
Schematic Diagram
H7812_M
Vout
Vin
1
3
2
C1
C2
A common ground is required between the input
and the output voltages. The input voltage must
remain typically 2.0V above the output voltage
even during the low point on the input ripple
voltage.
Note : C1 and C2 are required if regulator is
located far from power supply filter and load, or
oscillation may induced on the loop
576
3.41K
3.89K
7.8K
2.84K
13K
5pF
2.23K
GND
1.5K
1.9K
100
100
5K
5.7K
Vout
Vin


Similar Part No. - H7812AM

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H7812A HUASHAN-H7812A Datasheet
230Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7812AE HSMC-H7812AE Datasheet
35Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7812AE HSMC-H7812AE Datasheet
142Kb / 12P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
H7812AI HSMC-H7812AI Datasheet
38Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - H7812AM

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AM HSMC-H7805AM Datasheet
35Kb / 3P
Low Current Positive Voltage Regulator Of Surface Mount Device
H7806AM HSMC-H7806AM Datasheet
33Kb / 3P
Low Current Positive Voltage Regulator Of Surface Mount Device
H7808AM HSMC-H7808AM Datasheet
35Kb / 3P
Low Current Positive Voltage Regulator Of Surface Mount Device
H7809AM HSMC-H7809AM Datasheet
35Kb / 3P
Low Current Positive Voltage Regulator Of Surface Mount Device
logo
Dc Components
DM78L05 DCCOM-DM78L05 Datasheet
238Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L06 DCCOM-DM78L06 Datasheet
239Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L08 DCCOM-DM78L08 Datasheet
236Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L09 DCCOM-DM78L09 Datasheet
236Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L12 DCCOM-DM78L12 Datasheet
239Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com