Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFK0624SS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AFK0624SS
Description  Mounting Bracket Kits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFK0624SS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AFK0624SS Datasheet HTML 1Page - List of Unclassifed Manufacturers AFK0624SS Datasheet HTML 2Page - List of Unclassifed Manufacturers AFK0624SS Datasheet HTML 3Page - List of Unclassifed Manufacturers AFK0624SS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Spec-00484 J
Mounting Accessories Mounting Kits
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
Accessories
1
Spec-00484
J763.422.2211
763.422.2600
Accessories
Mounting Accessories
Mounting Kits
Mounting BrAcket kits
Mounting bracket kits are field-
installable. Composite kits are
rated for 500 lb. (227 kg) maximum
load. Kit includes four brackets
and mounting hardware for all
Type 1 Networking wall-mount and
COMLINE™ enclosures.
DMFK1 and DMFK2 include two
14 gauge steel external mounting
brackets and fasteners. Mounting
bracket kit CMFK and CMFKSS
each contain four 12 gauge steel or
Type 304 stainless steel external
mounting brackets and fasteners.
Sealing washers are provided
with each kit to maintain Type 4 or
12 rating after installation. Steel
mounting brackets are plated.
Bulletin: A80
Catalog Number
Description
Fastener Thread Size
DMFK1
Mounting bracket kit
#10-32
DMFK2
Mounting bracket kit
#10-32
CMFK
Steel mounting kit
#3/8-16
CMFKSS
Stainless steel mounting bracket kit
#3/8-16
CMTGFT
Composite mounting bracket kit
#3/8-16
uLtrX™ Mounting BrAcket kit
Kit is field-installable. Corrosion-
resistant fiberglass material.
Type 316 stainless steel mounting
hardware is included. Four
mounting brackets per kit.
Bulletin: uX1Y
Catalog Number
Description
Kit Qty.
UUMF
Mounting Bracket Kit
4
PoLe-Mount kit
Use to mount CONCEPT™ , Networking and wall-mount enclosures
to poles of various sizes and shapes. Simply attach the plated steel
channel bar to the mounting holes at the back of the enclosure and
wrap the stainless steel strap around the pole and through the bar.
Kit includes two mounting channels, two straps suitable for 3-in.
(76-mm) to 12-in. (305-mm) diameter pole and mounting hardware.
Bulletin: cWY
Catalog Number
Fits Enclosure (in.)
Fits Enclosure (mm)
CPMK12
when B = 12.00
when B = 305
CPMK16
when B = 16.00
when B = 406
CPMK20
when B = 20.00
when B = 508
CPMK24
when B = 24.00
when B = 610
CPMK30
when B = 30.00
when B = 762


Similar Part No. - AFK0624SS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK CDE-AFK Datasheet
487Kb / 7P
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AFK CDE-AFK Datasheet
746Kb / 7P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK-V CDE-AFK-V Datasheet
1Mb / 8P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK106M16B12T CDE-AFK106M16B12T Datasheet
430Kb / 6P
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK106M16B12T-F CDE-AFK106M16B12T-F Datasheet
487Kb / 7P
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
More results

Similar Description - AFK0624SS

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BAS-5104 BUD-BAS-5104 Datasheet
20Kb / 1P
SLIDE MOUNTING BRACKET
MB-1266 BUD-MB-1266 Datasheet
34Kb / 1P
TRIANGULAR MOUNTING BRACKET
logo
celduc-relais
1LK00100 CELDUC-1LK00100 Datasheet
239Kb / 1P
MOUNTING KITS
1LK00200 CELDUC-1LK00200 Datasheet
558Kb / 1P
MOUNTING KITS
1LK00300 CELDUC-1LK00300 Datasheet
48Kb / 1P
MOUNTING KITS
logo
Ningbo Tianbo Ganglian ...
TRV4 TIANBO-TRV4 Datasheet
1Mb / 3P
optional mounting bracket
logo
Banner Engineering Corp...
SMBPVA6 BANNER-SMBPVA6 Datasheet
235Kb / 2P
Mounting Bracket Kits SMBPVA6 and SMBPVL4
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
Mounting bracket
logo
Festo Corporation.
2721419 FESTO-2721419 Datasheet
66Kb / 1P
Mounting bracket
7/21/22
550217 FESTO-550217 Datasheet
68Kb / 1P
Mounting bracket
7/21/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com