Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8601-V Datasheet(PDF) 6 Page - NEC

Part # PS8601-V
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8601-V Datasheet(HTML) 6 Page - NEC

Back Button PS8601-V Datasheet HTML 2Page - NEC PS8601-V Datasheet HTML 3Page - NEC PS8601-V Datasheet HTML 4Page - NEC PS8601-V Datasheet HTML 5Page - NEC PS8601-V Datasheet HTML 6Page - NEC PS8601-V Datasheet HTML 7Page - NEC PS8601-V Datasheet HTML 8Page - NEC PS8601-V Datasheet HTML 9Page - NEC PS8601-V Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8601, PS8601L
RL - Load Resistance - k
Ω
PROPAGATION DELAY TIME
vs. LOAD RESISTANCE
TA - Ambient Temperature - ˚C
IF - Forward Current - mA
OUTPUT VOLTAGE vs.
FORWARD CURRENT
TA - Ambient Temperature - ˚C
HIGH LEVEL OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
VCC = 5 V
RL
VCC
IF
7
6
5
4
3
2
1
0
02
4
6
8
10 12
14
16
18 20
10 k
Ω
RL = 1.9 k
Ω
5.6 k
Ω
1000
100
10
1
.1
–25
0
25
50
75
100
IF = 0
VCC = VO = 35 V
VCC = VO = 5.5 V
VCC = 5 V
IF = 16 mA
10
5
1
.5
.1
1
5
10
50
100
tPLH
tPHL
–75 –50
–25
0
25
50
75
100 125
VCC = 5 V
IF = 16 mA
RL = 1.9 k
Ω
3.0
2.5
2.0
1.5
1.0
0.5
0.0
tPLH
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com