Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9634 Datasheet(PDF) 5 Page - NEC

Part # PS9634
Description  POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9634 Datasheet(HTML) 5 Page - NEC

  PS9634 Datasheet HTML 1Page - NEC PS9634 Datasheet HTML 2Page - NEC PS9634 Datasheet HTML 3Page - NEC PS9634 Datasheet HTML 4Page - NEC PS9634 Datasheet HTML 5Page - NEC PS9634 Datasheet HTML 6Page - NEC PS9634 Datasheet HTML 7Page - NEC PS9634 Datasheet HTML 8Page - NEC PS9634 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS9634,PS9634L
MEASUREMENT CIRCUITS FOR ELECTRICAL CHARACTERISTICS
Fig. 1 VO1L
1
2
3
4
8
7
6
5
VCC
IF
IO1
RL2 = 10
Ω
VO1L
–
+
V
Fig. 4 IO2L
1
2
3
4
8
7
6
5
VCC
IF
IO2L
A
Fig. 2 VO2H
1
2
3
4
8
7
6
5
VCC
IF
VO2H
–
+
V
IO2
Fig. 3 IO1L
1
2
3
4
8
7
6
5
VCC
IF
IO1L
A
Fig. 5 IFLH
1
2
3
4
8
7
6
5
VCC
IF variable
RL2
= 10
Ω
RL1
= 5
Ω
6 V
VO2
–
+
V
Fig. 6 tPLH, tPHL
1
2
3
4
8
7
6
5
VCC
VIN
RL2 = 10
Ω
51
Ω
VOUT
RL1 = 5
Ω
(tr, tf = 0.01 s)
µ
VIN
VOUT
50 %
50 %
tPLH
tPHL
Fig. 7 CMH, CML
VCM
GND
VO2
CMH (IF = 5 mA)
CML (IF = 0 mA)
0.5 V
2 V
600 V
1
2
3
4
8
7
6
5
SW
+–
VCM
RL1 = 470
Ω
RL2 = 1 k
Ω
VCC
VO2
IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com