Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF750LVC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF750LVC
Description  Product Term or Direct Input Pin Clocking
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF750LVC_14 Datasheet HTML 7Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 8Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 9Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 10Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 11Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 12Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 13Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 14Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
1447F–PLD–11/08
ATF750LVC
ATF750LVC OUTPUT SOURCE CURRENT
VS. SUPPLY VOLTAGE(VOH = 2.4V)
-70
-60
-50
-40
-30
-20
-10
0
3
3.25 3.3 3.5 3.6
4
4.25 4.5 4.75
5
5.25 5.5
6
SUPPLY VOLTAGE (V)
ATF75LVC INPUT CURRENT VS. INPUT VOLTAGE
(TA = 25
o
C) WITH PIN KEEPER
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
00.5
11.522.5
33.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
AT VCC=3.3V
ATVCC=5.0V
ATF750LVC SUPPLY CURRENT
VS. SUPPLY VOLTAGE (TA = 25
oC)
30
50
70
90
110
130
150
3
3.3
3.6
4
4.25 4.5
5
5.25 5.5 5.75
6
SUPPLY VOLTAGE (V)
ATF75LVC OUTPUT SINK CURRENT
VS. SUPPLY VOLTAGE(VOL = 0.5V)
15
20
25
30
35
40
45
3
3.3
3.6
4
4.25
4.5
4.75
5
5.25
5.5
6
SUPPLY VOLTAGE (V)
ATF750LVC INPUT CLAMP CURRENT
VS. INPUT VOLTAGE (TA = 25
oC)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
-0.2
-0.4
-0.6
-0.8
-1
INPUT VOLTAGE (V)
AT VCC=3.3V
AT VCC=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com