Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8050 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # S8050
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

S8050 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  S8050 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED S8050 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAKO SEMICONDUCTOR CO.,LIMITED
SOT-23 Plastic-Encapsulate Transistors
S8050 TRANSI STOR (NPN)
FEATURES
Complimentary to S8550
Collector Current: IC=0.5A
MARKING: J3Y
/D9D/
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.5
A
PC
Collector Dissipation
0.3
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40 V , IE=0
0.1
μ
A
Collector cut-off current
ICEO
VCB=20V , I E=0
0.1
μ
A
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
μ
A
HFE(1)
VCE=1V, I C= 50mA
120
350
DC current gain
HFE(2)
VCE=1V, I C= 500mA
50
Collector-emitter saturation voltage
VCE(sat)
I=500 mA, IB= 50mA
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=500 mA, IB= 50mA
1.2
V
Transition frequency
fT
VCE=6V, I C= 20mA
f=30MHz
150
MHz
CLASSIFICATION OF hFE(1)
Rank
L
H
Range
120-200
200-350
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
http://www.makosemi.hk/


Similar Part No. - S8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8050 WINGS-S8050 Datasheet
69Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
NPN General Purpose Transistors
logo
Unisonic Technologies
S8050 UTC-S8050 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
S8050 BILIN-S8050 Datasheet
228Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S8050 DAYA-S8050 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - S8050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com